Electronic Components Datasheet Search
  English  ▼

X  

GV3AP02 Datasheet(PDF) 40 Page - Schneider Electric

Part # GV3AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV3AP02 Datasheet(HTML) 40 Page - Schneider Electric

Back Button GV3AP02 Datasheet HTML 36Page - Schneider Electric GV3AP02 Datasheet HTML 37Page - Schneider Electric GV3AP02 Datasheet HTML 38Page - Schneider Electric GV3AP02 Datasheet HTML 39Page - Schneider Electric GV3AP02 Datasheet HTML 40Page - Schneider Electric GV3AP02 Datasheet HTML 41Page - Schneider Electric GV3AP02 Datasheet HTML 42Page - Schneider Electric GV3AP02 Datasheet HTML 43Page - Schneider Electric GV3AP02 Datasheet HTML 44Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
39
Combinations (continued)
Variable speed drives
Altivar Machine ATV320
Motor starters: circuit-breaker + contactor + drive
Motor starters: Circuit-breaker + Contactor + Drive
Standard power
rating of 50/60 Hz
4-pole motors (3)
Variable speed drive
Circuit-breaker (1)
Contactor (2)
Reference (4)
Reference
Reference (5)
kW
HP
Single-phase supply voltage: 200…240 V 50/60 Hz
0.18
0.25
ATV320U02M2p
GV2L08 (6)
LC1D09pp
0.37
0.5
ATV320U04M2p
GV2L10 (6)
LC1D09pp
0.55
0.75
ATV320U06M2p
GV2L14 (6)
LC1D09pp
0.75
1
ATV320U07M2p
GV2L16 (6)
LC1D09pp
1.1
1.5
ATV320U11M2p
GV2L16 (6)
LC1D09pp
1.5
2
ATV320U15M2p
GV2L20 (6)
LC1D09pp
2.2
3
ATV320U22M2p
GV2L22 (6)
LC1D09pp
Three-phase supply voltage: 200…240 V 50/60 Hz
0.18
0.25
ATV320U02M3C
GV2L07 (6)
LC1D09pp
0.37
0.5
ATV320U04M3C
GV2L08 (6)
LC1D09pp
0.55
0.75
ATV320U06M3C
GV2L10 (6)
LC1D09pp
0.75
1
ATV320U07M3C
GV2L14 (6)
LC1D09pp
1.1
1.5
ATV320U11M3C
GV2L14 (6)
LC1D09pp
1.5
2
ATV320U15M3C
GV2L16 (6)
LC1D09pp
2.2
3
ATV320U22M3C
GV2L20 (6)
LC1D09pp
3
4
ATV320U30M3C
GV2L22 (6)
LC1D09pp
4
5
ATV320U40M3C
GV2L22 (6)
LC1D09pp
5.5
7.5
ATV320U55M3C
GV3L40 (6)
LC1D09pp
7.5
10
ATV320U75M3C
GV3L50 (6)
LC1D18pp
11
15
ATV320D11M3C
GV3L65 (6)
LC1D25pp
15
20
ATV320D15M3C
NS100HMA
LC1D32pp
Three-phase supply voltage: 380…500 V 50/60 Hz
0.37
0.5
ATV320U04N4p
GV2L07 (6)
LC1D09pp
0.55
0.75
ATV320U06N4p
GV2L08 (6)
LC1D09pp
0.75
1
ATV320U07N4p
GV2L08 (6)
LC1D09pp
1.1
1.5
ATV320U11N4p
GV2L10 (6)
LC1D09pp
1.5
2
ATV320U15N4p
GV2L14 (6)
LC1D09pp
2.2
3
ATV320U22N4p
GV2L14 (6)
LC1D09pp
3
4
ATV320U30N4p
GV2L16 (6)
LC1D09pp
4
5
ATV320U40N4p
GV2L16 (6)
LC1D09pp
5.5
7.5
ATV320U55N4B
GV2L22 (6)
LC1D09pp
7.5
10
ATV320U75N4B
GV3L32 (6)
LC1D18pp
11
15
ATV320D11N4B
GV3L40 (6)
LC1D25pp
15
20
ATV320D15N4B
GV3L50 (6)
LC1D32pp
Three-phase supply voltage: 525…600 V 50/60 Hz
0.75
1
ATV320U07S6C
GV3P13
LC1D09pp
1.5
2
ATV320U15S6C
GV3P13
LC1D09pp
2.2
3
ATV320U22S6C
GV3P13
LC1D09pp
4
5
ATV320U40S6C
GV3P13
LC1D09pp
5.5
7.5
ATV320U55S6C
GV3P13
LC1D09pp
7.5
10
ATV320U75S6C
GV3P18
LC1D09pp
11
15
ATV320D11S6C
GV3P25
LC1D18pp
15
20
ATV320D15S6C
GV3P32
LC1D25pp
(1) GV2L, GV3L: TeSys magnetic motor circuit-breakers; accessories (see page 43).
(2) Composition of TeSys contactors LC1D09/D18/D25/D32: 3 poles + 1 NO auxiliary contact +
1 NC auxiliary contact.
(3) The HP values given are NEC-compliant (National Electrical Code).
(4) For the complete reference, replace p with B or C.
(5) Replace pp with the control circuit voltage reference given in the table below:
AC control circuit
Volts a
24
48
115
230
230/240
LC1D
50/60 Hz
B7
E7
FE7
P7
U7
For other voltages between 24 V and 660 V, or a DC control circuit, please refer to the
“Motor starter solutions - Control and protection components" catalog or visit our web site:
www.schneider-electric.com.
(6) GVpLpp circuit breaker reference are not UL compliant.To achieve UL Type E compliance
GVpPpp thermal magnetic circuit-breaker must be used.
GV2L14 + LC1D09 + ATV320U15N4B / ATV320U04N4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com