Electronic Components Datasheet Search
  English  ▼

X  

WM8195 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8195
Description  14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8195 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8195 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
WM8195
Production Data
w
PD Rev 4.1 July 2005
12
PARALLEL INTERFACE
STB
OP[13:6]
DNA
RNW
ADC DATA OUT
ADC DATA OUT
REG. DATA OUT
ADC DATA OUT
Hi-Z
Hi-Z
t
ASU
t
STB
t
AH
t
DSU
t
DH
t
STDO
t
STAO
t
ADLS
t
ADLH
t
ADHS
t
ADHH
t
OPD
ADDRESS IN
DATA IN
t
OPZ
Figure 6 Parallel Interface Timing
Test Conditions
AVDD1 = AVDD2 = DVDD1 = DVDD2 = DVDD3 =4.75 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 24MHz
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RNW low to OP[13:6] Hi-Z
tOPZ
10
ns
Address set-up time to STB low
tASU
0
ns
DNA low set-up time to STB low
tADLS
5
ns
Strobe low time
tSTB
30
ns
Address hold time from STB high
tAH
5
ns
DNA low hold time from STB high
tADLH
5
ns
Data set-up time to STB low
tDSU
0
ns
DNA high set-up time to STB low
tADHS
5
ns
Data hold time from STB high
tDH
5
ns
Data high hold time from STB high
tADHH
5
ns
RNW high to OP[13:6] output
tOPD
30
ns
Data output propogation delay from
STB low
tSTDO
30
ns
ADC data out propogation delay
from STB high
tSTAO
30
ns
Note:
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com