Electronic Components Datasheet Search
  English  ▼

X  

WM8729 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8729
Description  24-bit, 192kHz Stereo DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8729 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
WM8729
Production Data
w
PD Rev 4.1 June 2006
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital Input
DAC Sample Rate Clock Input
2
DIN
Digital Input
Serial Audio Data Input
3
BCKIN
Digital Input
Audio Data Bit Clock Input.
4
MCLK
Analogue Input
Master Clock Input
5
DGND
Supply
Digital Ground Supply
6
DVDD
Supply
Digital Positive Supply
7
VOUTR
Analogue Output
Right Channel DAC Output
8
AGND
Supply
Analogue Ground Supply
9
AVDD
Supply
Analogue Positive Supply
10
VOUTL
Analogue Output
Left Channel DAC Output
11
VMID
Analogue Output
Mid Rail Decoupling Point
12
VREFN
Supply
DAC Negative Reference – normally AGND, must not be below AGND
13
VREFP
Supply
DAC Positive Reference – normally AVDD, must not be above AVDD
14
MUTEB
Digital Bi-directional
Mute Control, (L = Mute on, H = Mute off, Z = Automute Enabled)
15
DEM
Digital Input
De-Emphasis Select
0 = De-Emphasis Off
1 = De-Emphasis On
16
FORMAT
Digital Input
(Pull-Up)
Digital Audio Data Input Format Selection
0 = Right justified Audio Data
1 = I
2S Audio Data
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com