Electronic Components Datasheet Search
  English  ▼

X  

WM8729 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8729
Description  24-bit, 192kHz Stereo DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8729 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WM8729
Production Data
w
PD Rev 4.1 June 2006
6
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
3.0
5.5
V
Analogue supply range
AVDD
3.0
5.5
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
19
mA
Digital supply current
DVDD = 5V
8
mA
Analogue supply current
AVDD = 3.3V
18
mA
Digital supply current
DVDD = 3.3V
4
mA
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, DVDD = 5V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 1mA
DGND + 0.3V
V
Output HIGH
VOH
IOH = 1mA
DVDD - 0.3V
V
Analogue Reference Levels
Reference voltage
VMID
(VREFP -
VREFN)/2 -
50mV
(VREFP -
VREFN)/2
(VREFP -
VREFN)/2 +
50mV
V
Potential divider resistance
RVMID
12k
Ω
DAC Output (Load = 10k
Ω
Ω
Ω
Ω. 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.1 x
AVDD/5
Vrms
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
100
106
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
106
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 192kHz
106
dB
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
AVDD, DVDD = 3.3V
105
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
AVDD, DVDD = 3.3V
103
dB
SNR (Note 1,2,3)
Non ‘A’ weighted @ fs
= 48kHz
106
dB
THD (Note 1,2,3)
1kHz, 0dBFs
-97
dB
THD+N (Dynamic range, Note 2)
1kHz, -60dBFs
100
106
dB
DAC channel separation
100
dB
Analogue Output Levels
Load = 10k
Ω, 0dBFS
1.1
VRMS
Output level
Load = 10k
Ω, 0dBFS,
(AVDD = 3.3V)
0.726
VRMS
Gain mismatch
channel-to-channel
±1
%FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com