Electronic Components Datasheet Search
  English  ▼

X  

WM8738 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 Bit Stereo ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8738 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WM8738
Production Data
w
PD Rev 4.4 August 2006
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 5.0V, AGND = 0V, DVDD = 3.3V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH = 1mA
0.9 x DVDD
V
Pull down resistance (FMT,
NOHP)
RPD
100
k
Ω
Analogue Reference Levels
Reference voltage
VCAP
AVDD/2 –
50mV
AVDD/2
AVDD/2 +
50mV
V
Buffered reference voltage
VREF
VCAP
V
Potential divider output
impedance
RCAP
40
50
60
k
Ω
Input to ADC
Input Signal Level (0dB)
VRIN / VLIN
1.0
Vrms
SNR (Note 1)
A-weighted, 0dB gain
@ fs = 48KHz
90
dB
SNR (Note 1)
A-weighted, 0dB gain
@ fs = 96KHz
90
dB
SNR (Note 1)
A-weighted, 0dB gain
@ fs = 48KHz, AVDD =
3.3V
90
dB
Dynamic Range (Note 2)
DNR
A-weighted, -60dB full
scale input
90
97
dB
Total Harmonic Distortion (THD)
(Note 3)
-1dB input, 0dB gain
-87
dB
ADC channel separation (Note
5)
1KHz input
95
dB
1kHz 100mVp-p
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVp-p
45
dB
Input Resistance
20
k
Ω
Input Capacitance
10
pF
Notes
1.
Ratio of output level with 1kHz full scale input, to the output level with the input open circuited, measured ‘A’ weighted
over a 20Hz to 20kHz bandwidth using an Audio analyser.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use
such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
3.
VREF and CAP de-coupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).
4.
This data is measured, using an active filter on the device inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com