Electronic Components Datasheet Search
  English  ▼

X  

WM8759 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8759
Description  24-bit 192kHz Stereo DAC with Headphone Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8759 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Pre-Production
WM8759
w
PP Rev 3.1 June 2006
11
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
Figure 3 I
2S Mode Timing Diagram
RIGHT JUSTIFIED MODE
The WM8759 supports word lengths of 16-bits in right justified mode.
In right justified mode, the digital audio interface receives data on the DIN input. Audio Data is
time multiplexed with LRCIN indicating whether the left or right channel is present. LRCIN is also
used as a timing reference to indicate the beginning or end of the data words.
In right justified mode, the minimum number of BCKINs per LRCIN period is 2 times the selected
word length. LRCIN must be high for a minimum of word length BCKINs and low for a minimum of
word length BCKINs. Any mark to space ratio on LRCIN is acceptable provided the above
requirements are met.
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
16
3
2
1
14
15
LSB
MSB
16
3
2
1
14
15
LSB
MSB
Figure 4 Right Justified Mode Timing Diagram
DSP MODE
In DSP/PCM mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising
edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data immediately follows
left channel data. Depending on word length, BCLK frequency and sample rate, there may be unused
BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the frame pulse shown in Figure 5 and Figure 6. In
device slave mode, Figure 7 and Figure 8, it is possible to use any length of frame pulse less than 1/fs,
providing the falling edge of the frame pulse occurs greater than one BCLK period before the rising edge
of the next frame pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com