Electronic Components Datasheet Search
  English  ▼

X  

WM8759 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8759
Description  24-bit 192kHz Stereo DAC with Headphone Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8759 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8759 Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Pre-Production
WM8759
w
PP Rev 3.1 June 2006
17
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 19 External Component Diagram
In an application where ENABLE is fed directly from VDD rather than a dedicated control line,
resistor R3 and capacitor C9 are used on the ENABLE pin to introduce a short delay in the Low to
High transition of ENABLE. This will ensure the pin goes high after power supplies have had time
to settle (see “ENABLE Operation” in the “Hardware Control Modes” section of the datasheet).
However, if the ENABLE signal is being provided from an external controller chip rather than VDD
directly, R3 and C9 will not be required.
POWER UP/DOWN SEQUENCE
POWER UP/DOWN SEQUENCE
For click free operation, the WM8759 should be powered up and down in a specific sequence.
Power-up:
1.
Power up AVDD and DVDD and wait to settle
2.
Turn on clocks and data (MCLK, BCLK, LRCLK, SDATA)
3.
Switch ENABLE pin from low to high
Power-down:
1.
Switch Enable from high to low
2.
Remove clocks and data
3.
Power down AVDD and DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com