Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8985_07 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.5, January 2007
59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
LIMLVL
000
Programmable signal threshold level
(determines level at which the limiter
starts to operate)
000 = -1dB
001 = -2dB
010 = -3dB
011 = -4dB
100 = -5dB
101 to 111 = -6dB
Table 24 DAC Digital Limiter Control
5-BAND GRAPHIC EQUALISER
A 5-band graphic equaliser is provided, which can be applied to the ADC or DAC path, together with
3D enhancement, under control of the EQ3DMODE register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
EQ Control 1
8
EQ3DMODE
1
0 = Equaliser and 3D Enhancement
applied to ADC path
1 = Equaliser and 3D Enhancement
applied to DAC path
Table 25 EQ and 3D Enhancement DAC or ADC Path Select
Note:
The ADCs and DACs must be disabled before changing the EQ3DMODE bit.
The equaliser consists of low and high frequency shelving filters (Band 1 and 5) and three peak
filters for the centre bands. Each has adjustable cut-off or centre frequency, and selectable boost
(+/- 12dB in 1dB steps). The peak filters have selectable bandwidth.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ1G
01100
(0dB)
Band 1 Gain Control. See Table 31 for
details.
R18 (12h)
EQ Band 1
Control
6:5
EQ1C
01
Band 1 Cut-off Frequency:
00 = 80Hz
01 = 105Hz
10 = 135Hz
11 = 175Hz
Table 26 EQ Band 1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ2G
01100
(0dB)
Band 2 Gain Control. See Table 31 for
details.
6:5
EQ2C
01
Band 2 Centre Frequency:
00 = 230Hz
01 = 300Hz
10 = 385Hz
11 = 500Hz
R19 (13h)
EQ Band 2
Control
8
EQ2BW
0
Band 2 Bandwidth Control
0 = narrow bandwidth
1 = wide bandwidth
Table 27 EQ Band 2 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com