Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8985_07 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.5, January 2007
29
and the non-inverting input of the input PGA clamped to VMID.
Figure 12 Microphone Input PGA Circuit
The input PGAs are enabled by the INPPGAENL and INPPGAENR register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
INPPGAENL
0
Left channel input PGA enable
0 = disabled
1 = enabled
R2 (02h)
Power
Management
2
3
INPPGAENR
0
Right channel input PGA enable
0 = disabled
1 = enabled
Table 5 Input PGA Enable Register Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com