Electronic Components Datasheet Search
  English  ▼

X  

A1374EKB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1374EKB
Description  High Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1374EKB Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1374EKB Datasheet HTML 1Page - Allegro MicroSystems A1374EKB Datasheet HTML 2Page - Allegro MicroSystems A1374EKB Datasheet HTML 3Page - Allegro MicroSystems A1374EKB Datasheet HTML 4Page - Allegro MicroSystems A1374EKB Datasheet HTML 5Page - Allegro MicroSystems A1374EKB Datasheet HTML 6Page - Allegro MicroSystems A1374EKB Datasheet HTML 7Page - Allegro MicroSystems A1374EKB Datasheet HTML 8Page - Allegro MicroSystems A1374EKB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
A1373 and
A1374
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
QUIESCENT OUTPUT VOLTAGE PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Quiescent Output Voltage Range
VOUT(Q)LOW
B = 0 G, TA = 25°C
0.7
–
1.9
V
VOUT(Q)MID
2.0
–
3.2
V
VOUT(Q)HIGH
3.5
–
4.5
V
Average Quiescent Output Voltage
Step Size4,5,6
StepVOUT(Q)
TA = 25°C
3.0
3.275
3.5
mV
Quiescent Output Voltage
Programming Resolution
ErrPROGVOUT(Q)
Fine programming value selection
accuracy
–
±0.5 ×
StepVOUT(Q)
–mV
Quiescent Output Voltage Drift
Over Operating Temperature
Range
ΔVOUT(Q)
VOUT(Q) = VOUT(Q)LOW
–
–
±40
mV
VOUT(Q) = VOUT(Q)MID
–
–
±40
mV
VOUT(Q) = VOUT(Q)HIGH
–
–
±55
mV
Quiescent Output Voltage
Programming Bits
–
Coarse (Range selection)
–
2
–
Bit
Fine (Value selection)
–
9
–
Bit
10% Output Clamp Option7
VOUTCLP10HIGH
A1373
High-side output clamp
4.350
–
4.565
V
A1374
4.300
–
4.650
V
VOUTCLP10LOW
A1373
Low-side output clamp
0.4
–
0.6
V
A1374
0.3
–
0.6
V
20% Output Clamp Option7
VOUTCLP20HIGH
A1373
High-side output clamp
3.925
–
4.125
V
A1374
3.900
–
4.200
V
VOUTCLP20LOW
A1373
Low-side output clamp
0.9
–
1.1
V
A1374
0.8
–
1.1
V
Delay to Clamp
tCLP
A1373
–
–
2
μs
A1374
–
–
100
μs
SENSITIVITY PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Sensitivity Range8
SensLOW
TA = 25°C
1.75
–
2.8
mV/G
SensMID
3.5
–
5.7
mV/G
SensHIGH
7.0
–
11.25
mV/G
Average Sensitivity Step Size4,5,6
StepSENSLOW
TA = 25°C
6
9.5
14
μV/G
StepSENSMID
12
18.7
28
μV/G
StepSENSHIGH
22
37.0
56
μV/G
Sensitivity
Programming
Resolution
ErrPROGSENS
Fine programming value selection
accuracy
–
±0.5 ×
StepSENS
–
μV/G
Sensitivity
Programming Bits
–
Coarse (Range selection)
–
2
–
Bit
Fine (Value selection)
–
8
–
Bit
POLARITY PROGRAMMING
Polarity
Programming Bit
–
Negative Sensitivity
–
1
–
Bit
CHARACTERISTIC PARAMETERS (continued)
Continued on the next page...
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com