Electronic Components Datasheet Search
  English  ▼

X  

A1374EKB Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1374EKB
Description  High Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1374EKB Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1374EKB Datasheet HTML 1Page - Allegro MicroSystems A1374EKB Datasheet HTML 2Page - Allegro MicroSystems A1374EKB Datasheet HTML 3Page - Allegro MicroSystems A1374EKB Datasheet HTML 4Page - Allegro MicroSystems A1374EKB Datasheet HTML 5Page - Allegro MicroSystems A1374EKB Datasheet HTML 6Page - Allegro MicroSystems A1374EKB Datasheet HTML 7Page - Allegro MicroSystems A1374EKB Datasheet HTML 8Page - Allegro MicroSystems A1374EKB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
TheA1373 andA1374 high precision linear Hall effect sensors
are sensitive, temperature stable, linear devices with externally
programmable features. This device family incorporates a
chopper-stabilized amplifier, voltage regulator, programming
logic, and an output amplifier on a single IC. The patented
dynamic offset cancellation used with a chopper-stabilization
technique provides extremely low offset and minimal
temperaturedrift.Ahighfrequencyclockisusedforchopping,to
ensure high frequency signal processing capability. TheA1373
and A1374 are ideal for use in automotive and industrial linear
position-sensing applications that require increased reliability
and accuracy over conventional contacting-potentiometer
solutions. Key applications include: throttle position sensors,
pedal position sensors, and suspension height sensors.
The design and manufacturing flexibility of the A1373 and
A1374 complement the Allegro linear Hall effect family of
devicesbyofferingprogrammablegain,quiescentoffsetvoltage
for unipolar or bipolar operation, temperature coefficient,
clamps, and polarity. The device can be set up in a magnetic
circuit and programmed with a train of serial pulses via the
output pin. Once the right combination of gain, quiescent
A1373-DS, Rev. 8
Features and Benefits
▪ Output pin programming
▪ Field-programmable for optimal application integration
▪ Selectable coarse and fine gain and quiescent output voltage
▪ Selectable sensitivity temperature coefficient
▪ Selectable output clamp voltage level, including no-
clamp (rail-to-rail)
▪ Selectable output polarity
▪ Unipolar or bipolar operation
▪ Ratiometric sensitivity, clamps, and quiescent output voltage
▪ Chopper-stabilized Hall technique
▪ Wide operating temperature range
▪ On-chip regulator for over/under voltage protection
▪ On-chip regulator provides EMI robustness
▪ Wide lead-spacing with KB package
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
Functional Block Diagram
Not to scale
Package: 3 pin SIP (suffix KB)
A1373 and A1374
Continued on the next page…
Amp
Out
VCC
Pin 3
VOUT
GND
Pin 2
Pin 1
Gain
Temperature
Coefficient
Offset
Voltage
Regulator
Trim Control
To all subcircuits
Hall drive circuit


Similar Part No. - A1374EKB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1374EKB ALLEGRO-A1374EKB Datasheet
435Kb / 23P
HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
A1374EKB-T ALLEGRO-A1374EKB-T Datasheet
435Kb / 23P
HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
A1374EKBTI ALLEGRO-A1374EKBTI Datasheet
435Kb / 23P
HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
A1374EKBTI-T ALLEGRO-A1374EKBTI-T Datasheet
435Kb / 23P
HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1374EKB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
LINEAR OUTPUT HALL EFFECT SENSORS
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
High-Precision Programmable Linear Hall-Effect Sensor Family
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
High-Precision Programmable Hall-Effect Sensors
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
Precision Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com