Electronic Components Datasheet Search
  English  ▼

X  

BYG80F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYG80F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80F Datasheet(HTML) 5 Page - NXP Semiconductors

  BYG80F Datasheet HTML 1Page - NXP Semiconductors BYG80F Datasheet HTML 2Page - NXP Semiconductors BYG80F Datasheet HTML 3Page - NXP Semiconductors BYG80F Datasheet HTML 4Page - NXP Semiconductors BYG80F Datasheet HTML 5Page - NXP Semiconductors BYG80F Datasheet HTML 6Page - NXP Semiconductors BYG80F Datasheet HTML 7Page - NXP Semiconductors BYG80F Datasheet HTML 8Page - NXP Semiconductors BYG80F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Nov 25
5
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
BYG80A to D
Switched mode application; VR =VRRMmax; δ = 0.5; a = 1.42.
handbook, halfpage
0
200
100
Ttp (
oC)
4
3
IF(AV)
(A)
1
0
2
MGL081
BYG80F and G
Switched mode application; VR =VRRMmax; δ = 0.5; a = 1.42.
Fig.3
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
40
200
Ttp (°C)
IF(AV)
(A)
4
3
1
0
2
80
120
160
MBK454
BYG80J
Switched mode application.
VR =VRRMmax; δ = 0.5; a = 1.42.
Fig.4
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
040
IFAV
(A)
200
4.0
3.0
1.0
0
2.0
80
120
160
Ttp (
οC)
MGL094
Fig.5
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
BYG80A to D
Switched mode application; VR =VRRMmax; δ = 0.5; a = 1.42
Device mounted as shown in Fig.27;
1: Al2O3 PCB; 2: epoxy PCB.
handbook, halfpage
0
(1)
(2)
200
100
Tamb (οC)
2
1.5
IF(AV)
(A)
0.5
0
1
MGL079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com