Electronic Components Datasheet Search
  English  ▼

X  

BYG80F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYG80F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80F Datasheet(HTML) 3 Page - NXP Semiconductors

  BYG80F Datasheet HTML 1Page - NXP Semiconductors BYG80F Datasheet HTML 2Page - NXP Semiconductors BYG80F Datasheet HTML 3Page - NXP Semiconductors BYG80F Datasheet HTML 4Page - NXP Semiconductors BYG80F Datasheet HTML 5Page - NXP Semiconductors BYG80F Datasheet HTML 6Page - NXP Semiconductors BYG80F Datasheet HTML 7Page - NXP Semiconductors BYG80F Datasheet HTML 8Page - NXP Semiconductors BYG80F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Nov 25
3
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IF(AV)
average forward current
Tamb =60 °C; epoxy PCB mounting
(see Fig.27); see Figs 5, 6 and 7
averaged over any 20 ms period;
see also Figs 17, 18 and 19
BYG80A to D
−
0.95
A
BYG80F; BYG80G
−
0.85
A
BYG80J
−
0.65
A
IFRM
repetitive peak forward current
Ttp = 100 °C; see Figs 8, 9 and 10
BYG80A to D
−
21
A
BYG80F; BYG80G
−
21
A
BYG80J
−
18
A
IFRM
repetitive peak forward current
Tamb =60 °C; AL2O3 PCB mounting;
see Figs 11, 12 and 13
BYG80A to D
−
11
A
BYG80F; BYG80G
−
11
A
BYG80J
−
9A
IFRM
repetitive peak forward current
Tamb =60 °C; epoxy PCB mounting;
see Figs 14, 15 and 16
BYG80A to D
−
8A
BYG80F; BYG80G
−
8A
BYG80J
−
6A
IFSM
non-repetitive peak forward current
t = 8.3 ms half sine wave; Tj =25 °C
prior to surge; VR =VRRMmax
BYG80A to D
−
36
A
BYG80F; BYG80G; BYG80J
−
32
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to surge;
inductive load switched off
−
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.20
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; Tj =Tj max;
see Figs 21, 22 and 23
BYG80A to D
−−
0.67
V
BYG80F; BYG80G
−−
0.73
V
BYG80J
−−
0.96
V
VF
forward voltage
IF = 1 A; see Figs 21, 22 and 23
BYG80A to D
−−
0.93
V
BYG80F; BYG80G
−−
0.98
V
BYG80J
−−
1.20
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com