Electronic Components Datasheet Search
  English  ▼

X  

NCP302 Datasheet(PDF) 18 Page - ON Semiconductor

Part # NCP302
Description  Voltage Detector Series with Programmable Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP302 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCP302 Datasheet HTML 14Page - ON Semiconductor NCP302 Datasheet HTML 15Page - ON Semiconductor NCP302 Datasheet HTML 16Page - ON Semiconductor NCP302 Datasheet HTML 17Page - ON Semiconductor NCP302 Datasheet HTML 18Page - ON Semiconductor NCP302 Datasheet HTML 19Page - ON Semiconductor NCP302 Datasheet HTML 20Page - ON Semiconductor NCP302 Datasheet HTML 21Page - ON Semiconductor NCP302 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
NCP302, NCP303
http://onsemi.com
18
Figure 41. Microprocessor Reset Circuit with Additional Hysteresis
2
1
NCP301
LSN27T1
3
VDD
GN-
D
Reset Output
Input
RH
RL
NCP301
LSN27T1
GN-
D
NCP303
LSN27T1
GN-
D
GN-
D
Reset
VDD
Microprocessor
5
CD
Comparator hysteresis can be increased with the addition of
resistor RH. The hysteresis equations have been simplified and
do not account for the change of input current Iin as Vin crosses
the comparator threshold. The internal resistance, Rin is simply
calculated using Iin = 0.26 mA at 2.6 V.
Vin Decreasing:
V
th +
R
H
R
in
) 1 V
DET
*
Vin Increasing:
V
th +
R
H
R
in ø RL
) 1 V
DET
* ) VHYS
VHYS = Vin Increasing − Vin Decreasing
Test Data
Vth Decreasing
(V)
Vth Increasing
(V)
VHYS
(V)
RH
(
W)
RL
(k
W)
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.70
2.84
2.87
2.88
2.91
2.90
2.94
2.98
2.70
3.04
3.15
0.135
0.17
0.19
0.21
0.20
0.24
0.28
0.27
0.34
0.35
0
100
100
100
220
220
220
470
470
470
−
10
6.8
4.3
10
6.8
4.3
10
6.8
4.3
Figure 42. Simple Clock Oscillator
NCP301
LSN27T1
GN-
D
Reset Output
Input
82 k
NCP301
LSN27T1
GN-
D
NCP302
HSN27T1
GN-
D
C
5.0 V
100 k
C (
mF)
fOSC (kHz)
IQ (mA)
0.01
2590
21.77
0.1
490
21.97
1.0
52
22.07
Test Data
5
CD
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com