Electronic Components Datasheet Search
  English  ▼

X  

NCP302 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP302
Description  Voltage Detector Series with Programmable Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP302 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP302 Datasheet HTML 17Page - ON Semiconductor NCP302 Datasheet HTML 18Page - ON Semiconductor NCP302 Datasheet HTML 19Page - ON Semiconductor NCP302 Datasheet HTML 20Page - ON Semiconductor NCP302 Datasheet HTML 21Page - ON Semiconductor NCP302 Datasheet HTML 22Page - ON Semiconductor NCP302 Datasheet HTML 23Page - ON Semiconductor NCP302 Datasheet HTML 24Page - ON Semiconductor NCP302 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
NCP302, NCP303
http://onsemi.com
21
Figure 46. Multi−Rail Supply Undervoltage Monitor with Power Good
*
R1 is Optional CD Pin Pullup
3.3 V Power Supply 2
(I/O Subsystem)
VIN
VIN
0 V
0 V
0 V
VTCD
CD Pin
Note: VTCD  0.675 * VIN
tD2
2
1
5
3
Reset Output
Input
CD
GND
NCP302L
Series
2
1
3
Reset Output
Input
GND
2
1
3
Reset Output
Input
GND
NCP301
LSN30T1
NCP301
LSN45T1
CD
5.0 V Power Supply 3
(Peripheral Subsystem)
Power Supply 1
(System Core)
R1
RP
*Required for
NCP303
To MCU or
Logic Circuitry
0 V
0 V
tD2
tD2
tD2
Power Supply 1
Power Supply 2
VP
Power Supply 3
NCP302L
RESET Output
This circuit monitors multiple power supply rails for
undervoltage conditions. If any of the three power supplies
are in an undervoltage condition, the NCP302 reset output
will be immediately set to an active low level. All three
power supplies must be above their minimum voltage levels
for the NCP302 reset output to generate a “Power Good”
level (Reset Output = Power Supply 1 or VP).
Optionally, R1 may be added to provide a smaller
effective
CD pin pullup resistance, (RD’), where
RD’ = R1 || RD, with RD (internal CD pin pullup resistance)
approximately equal to 1.0 M
W, and R1 > 5 kW. If R1 << RD,
then R1 also can decrease the reset output delay time (tD2)
variance over the operating temperature range.
The Power Good signal time delay (tD2) can be estimated
by: tD2
≈ RD * CD, with RD in Ohms, and CD in Farads. If
R1 is installed, then RD’ is substituted for RD. RP is added
only if using the NCP303 to replace the NCP302. This
allows the Reset Output to be pulled up to VP, which can be
the Power Supply 1 or an independent power supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com