Electronic Components Datasheet Search
  English  ▼

X  

BYM26D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BYM26D
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BYM26D Datasheet HTML 4Page - NXP Semiconductors BYM26D Datasheet HTML 5Page - NXP Semiconductors BYM26D Datasheet HTML 6Page - NXP Semiconductors BYM26D Datasheet HTML 7Page - NXP Semiconductors BYM26D Datasheet HTML 8Page - NXP Semiconductors BYM26D Datasheet HTML 9Page - NXP Semiconductors BYM26D Datasheet HTML 10Page - NXP Semiconductors BYM26D Datasheet HTML 11Page - NXP Semiconductors BYM26D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 May 24
8
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM26 series
5
0
0.6
2.4
0
MSA876
1.2
1
2
3
4
1.8
I F(AV)(A)
P
(W)
a = 3
2.5
2 1.57
1.42
Fig.10 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
BYM26A to E
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.11 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
BYM26F and G
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
0
5
0
2
4
MBD430
I
(A)
F(AV)
2.4
0.6
1.8
P
(W)
3
1
1.2
a = 3
2.5
2 1.57 1.42
handbook, halfpage
200
0
400
1200
0
MSA873
800
100
V
(V)
R
AB
C
D
E
Tj
(
°C)
Fig.12 Maximum permissible junction temperature
as a function of reverse voltage.
BYM26A to E
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.13 Maximum permissible junction temperature
as a function of reverse voltage.
BYM26F and G
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
2000
0
MLB601
1000
100
V
(V)
R
T j
( C)
o
FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com