Electronic Components Datasheet Search
  English  ▼

X  

BYM26D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYM26D
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26D Datasheet(HTML) 2 Page - NXP Semiconductors

  BYM26D Datasheet HTML 1Page - NXP Semiconductors BYM26D Datasheet HTML 2Page - NXP Semiconductors BYM26D Datasheet HTML 3Page - NXP Semiconductors BYM26D Datasheet HTML 4Page - NXP Semiconductors BYM26D Datasheet HTML 5Page - NXP Semiconductors BYM26D Datasheet HTML 6Page - NXP Semiconductors BYM26D Datasheet HTML 7Page - NXP Semiconductors BYM26D Datasheet HTML 8Page - NXP Semiconductors BYM26D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 May 24
2
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM26 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack
• Also available with preformed leads
for easy insertion.
DESCRIPTION
Rugged glass SOD64 package,
using a high temperature alloyed
construction. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
Fig.1 Simplified outline (SOD64) and symbol.
2/3 page (Datasheet)
MAM104
ka
,

,

LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYM26A
−
200
V
BYM26B
−
400
V
BYM26C
−
600
V
BYM26D
−
800
V
BYM26E
−
1000
V
BYM26F
−
1200
V
BYM26G
−
1400
V
VR
continuous reverse voltage
BYM26A
−
200
V
BYM26B
−
400
V
BYM26C
−
600
V
BYM26D
−
800
V
BYM26E
−
1000
V
BYM26F
−
1200
V
BYM26G
−
1400
V
IF(AV)
average forward current
Ttp =55 °C; lead length = 10 mm;
see Figs 2 and 3;
averaged over any 20 ms period;
see also Figs 10 and 11
BYM26A to E
−
2.30
A
BYM26F and G
−
2.40
A
IF(AV)
average forward current
Tamb =65 °C; PCB mounting (see
Fig.19); see Figs 4 and 5;
averaged over any 20 ms period;
see also Figs 10 and 11
BYM26A to E
−
1.05
A
BYM26F and G
−
1.00
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com