Electronic Components Datasheet Search
  English  ▼

X  

BYM359DX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYM359DX
Description  Dual diode fast, high-voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM359DX Datasheet(HTML) 5 Page - NXP Semiconductors

  BYM359DX Datasheet HTML 1Page - NXP Semiconductors BYM359DX Datasheet HTML 2Page - NXP Semiconductors BYM359DX Datasheet HTML 3Page - NXP Semiconductors BYM359DX Datasheet HTML 4Page - NXP Semiconductors BYM359DX Datasheet HTML 5Page - NXP Semiconductors BYM359DX Datasheet HTML 6Page - NXP Semiconductors BYM359DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Dual diode
BYM359DX
fast, high-voltage
Fig.11. Damper maximum non-repetitive rms forward
current. I
F = f(tp); sinusoidal current waveform;
T
j = 150˚C prior to surge with reapplied VRWM.
Fig.12. Damper transient thermal impedance
Z
th = f(tp)
Fig.13. Damper forward characteristic I
F = f(VF);
parameter T
j
1ms
10ms
0.1s
1s
10s
tp / s
IFS(RMS) / A
BY359
80
70
60
50
40
30
20
10
0
IFSM
0
30
20
10
0
1.0
2.0
IF / A
VF / V
max
typ
Tj=150C
Tj=25C
BY359
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY359
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
March 2000
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com