Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA64
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA64 Datasheet HTML 15Page - ATMEL Corporation ATMEGA64 Datasheet HTML 16Page - ATMEL Corporation ATMEGA64 Datasheet HTML 17Page - ATMEL Corporation ATMEGA64 Datasheet HTML 18Page - ATMEL Corporation ATMEGA64 Datasheet HTML 19Page - ATMEL Corporation ATMEGA64 Datasheet HTML 20Page - ATMEL Corporation ATMEGA64 Datasheet HTML 21Page - ATMEL Corporation ATMEGA64 Datasheet HTML 22Page - ATMEL Corporation ATMEGA64 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
ATmega64(L)
2490LS–AVR–10/06
3.
Corrected OCn waveforms in Figure 52 on page 127.
4.
Various minor Timer1 corrections.
5.
Improved the description in “Phase Correct PWM Mode” on page 102 and on
page 155.
6.
Various minor TWI corrections.
7.
Added note under "Filling the Temporary Buffer (Page Loading)" about writ-
ing to the EEPROM during an SPM page load.
8.
Removed ADHSM completely.
9.
Added note about masking out unused bits when reading the Program
Counter in “Stack Pointer” on page 14.
10. Added section “EEPROM Write During Power-down Sleep Mode” on page 25.
11. Changed V
HYST value to 120 in Table 19 on page 53.
12. Added information about conversion time for Differential mode with Auto
Triggering on page 236.
13. Added t
WD_FUSE in Table 128 on page 311.
14. Updated “Packaging Information” on page 15.
Changes from Rev.
2490B-09/02 to Rev.
2490C-09/02
1.
Changed the Endurance on the Flash to 10,000 Write/Erase Cycles.
Changes from Rev.
2490A-10/01 to Rev.
2490B-09/02
1.
Added 64-pad QFN/MLF Package and updated “Ordering Information” on
page 14.
2.
Added the section “Using all Locations of External Memory Smaller than 64
KB” on page 35.
3.
Added the section “Default Clock Source” on page 39.
4.
Renamed SPMCR to SPMCSR in entire document.
5.
Added Some Preliminary Test Limits and Characterization Data
Removed some of the TBD's and corrected data in the following tables and pages:
Table 2 on page 24, Table 7 on page 38, Table 9 on page 41, Table 10 on page 41,
Table 12 on page 42, Table 14 on page 43, Table 16 on page 44, Table 19 on page
53, Table 20 on page 57, Table 22 on page 59, “DC Characteristics” on page 328,
Table 131 on page 330, Table 134 on page 333, Table 136 on page 336, and Table
137 - Table 144.
6.
Removed Alternative Algortihm for Leaving JTAG Programming Mode.
See “Leaving Programming Mode” on page 324.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com