Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA64
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA64 Datasheet HTML 1Page - ATMEL Corporation ATMEGA64 Datasheet HTML 2Page - ATMEL Corporation ATMEGA64 Datasheet HTML 3Page - ATMEL Corporation ATMEGA64 Datasheet HTML 4Page - ATMEL Corporation ATMEGA64 Datasheet HTML 5Page - ATMEL Corporation ATMEGA64 Datasheet HTML 6Page - ATMEL Corporation ATMEGA64 Datasheet HTML 7Page - ATMEL Corporation ATMEGA64 Datasheet HTML 8Page - ATMEL Corporation ATMEGA64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
ATmega64(L)
2490LS–AVR–10/06
ATmega103 Compatibility
Mode
By programming the M103C Fuse, the ATmega64 will be compatible with the
ATmega103 regards to RAM, I/O pins and Interrupt Vectors as described above. How-
ever, some new features in ATmega64 are not available in this compatibility mode,
these features are listed below:
•
One USART instead of two, asynchronous mode only. Only the eight least
significant bits of the Baud Rate Register is available.
•
One 16 bits Timer/Counter with two compare registers instead of two 16 bits
Timer/Counters with three compare registers.
•
Two-wire serial interface is not supported.
•
Port G serves alternate functions only (not a general I/O port).
•
Port F serves as digital input only in addition to analog input to the ADC.
•
Boot Loader capabilities is not supported.
•
It is not possible to adjust the frequency of the internal calibrated RC Oscillator.
•
The External Memory Interface can not release any Address pins for general I/O,
neither configure different wait states to different External Memory Address
sections.
•
Only EXTRF and PORF exist in the MCUCSR Register.
•
No timed sequence is required for Watchdog Timeout change.
•
Only low-level external interrupts can be used on four of the eight External Interrupt
sources.
•
Port C is output only.
•
USART has no FIFO buffer, so Data OverRun comes earlier.
•
The user must have set unused I/O bits to 0 in ATmega103 programs.
Pin Descriptions
VCC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port A output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port A pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port A also serves the functions of various special features of the ATmega64 as listed
on page 74.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port B output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port B pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port B also serves the functions of various special features of the ATmega64 as listed
on page 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com