Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA169V-8AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA169V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA169V-8AI Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA169V-8AI Datasheet HTML 1Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 2Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
ATmega169/V
2514PS–AVR–07/06
Pin Configurations
Figure 1. Pinout ATmega169
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally
connected to GND. It should be soldered or glued to the board to ensure good mechani-
cal stability. If the center pad is left unconnected, the package might loosen from the
board.
Disclaimer
Typical values contained in this datasheet are based on simulations and characteriza-
tion of other AVR microcontrollers manufactured on the same process technology. Min
and Max values will be available after the device is characterized.
PC0 (SEG12)
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
LCDCAP
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1 (SEG11)
PG0 (SEG14)
PC2 (SEG10)
PC3 (SEG9)
PC4 (SEG8)
PC5 (SEG7)
PC6 (SEG6)
PC7 (SEG5)
PA7 (SEG3)
PG2 (SEG4)
PA6 (SEG2)
PA5 (SEG1)
PA4 (SEG0)
PA3 (COM3)
PG1 (SEG13)
ATmega169
INDEX CORNER
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com