Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA169V-8AI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA169V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA169V-8AI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA169V-8AI Datasheet HTML 17Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 18Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 19Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 20Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 21Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 22Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 23Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 24Page - ATMEL Corporation ATMEGA169V-8AI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
ATmega169/V
2514PS–AVR–07/06
Datasheet Revision
History
Please note that the referring page numbers in this section are referring to this docu-
ment. The referring revision in this section are referring to the document revision.
Changes from Rev.
2514O-03/06 to Rev.
2514P-07/06
Changes from Rev.
2514N-03/06 to Rev.
2514O-03/06
Changes from Rev.
2514M-05/05 to Rev.
2514N-03/06
Changes from Rev.
2514L-03/05 to Rev.
2514M-05/05
Changes from Rev.
2514K-04/04 to Rev.
2514L-03/05
1.
Updated “Fast PWM Mode” on page 109.
2.
Updated Features in “USI – Universal Serial Interface” on page 179.
3.
Added “Clock speed considerations.” on page 185.
4.
Updated “Bit 6 – ACBG: Analog Comparator Bandgap Select” on page
191.
5.
Updated Table 49 on page 90, Table 51 on page 90, Table 56 on page 117,
Table 57 on page 118, Table 58 on page 119, Table 61 on page 135 and
Table 63 on page 136.
6.
Updated “Prescaling and Conversion Timing” on page 196.
7.
Updated Features in “LCD Controller” on page 210.
8.
Updated “Errata” on page 349.
1.
Updated number of General purpose I/O pins from 53 to 54.
2.
Updated “Serial Peripheral Interface – SPI” on page 143.
1.
Added Not recommended in new designs.
2.
Removed the notice: This datasheet covers revision A to E of
ATmega169.
Revision F and onwards are now covered in ATmega169 datasheet,
“doc2597.pdf” found on www.atmel.com/avr.
3.
Updated Table 17 on page 40.
1.
This datasheet covers revision A to E of ATmega169.
Revision F and onwards are now covered in ATmega169 datasheet,
“doc2597.pdf” found on www.atmel.com/avr.
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead
Frame Package QFN/MLF”.
2.
Updated Table 16 on page 38, Table 56 on page 117, Table 57 on page 118,
Table 98 on page 222, Table 99 on page 222, Table 100 on page 223 and
Table 130 on page 283.
3.
Added “Pin Change Interrupt Timing” on page 51.
4.
Updated C Code Example in “USART Initialization” on page 156.
5.
Added note to “Power Reduction Register - PRR” on page 34 and “LCD
Contrast Control Register – LCDCCR” on page 222.
6.
Moved “No. of Words in a Page and No. of Pages in the Flash” and “No. of
Words in a Page and No. of Pages in the EEPROM” to “Page Size” on
page 268.
7.
Updated “Serial Programming Algorithm” on page 281.
8.
Updated “ATmega169 Typical Characteristics” on page 304.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com