Electronic Components Datasheet Search
  English  ▼

X  

LM2104DR Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2104DR
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2104DR Datasheet(HTML) 4 Page - Texas Instruments

  LM2104DR Datasheet HTML 1Page - Texas Instruments LM2104DR Datasheet HTML 2Page - Texas Instruments LM2104DR Datasheet HTML 3Page - Texas Instruments LM2104DR Datasheet HTML 4Page - Texas Instruments LM2104DR Datasheet HTML 5Page - Texas Instruments LM2104DR Datasheet HTML 6Page - Texas Instruments LM2104DR Datasheet HTML 7Page - Texas Instruments LM2104DR Datasheet HTML 8Page - Texas Instruments LM2104DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range and all voltages are with respect to GND (unless otherwise noted).(1)
MIN
MAX
UNIT
VGVDD
Low-side supply voltage
–0.3
19.5
V
VBST to VSH High-side supply voltage
–0.3
19.5
V
VIN, VSD
Input voltages on IN and SD
–0.3
19.5
V
VGL
Output voltage on GL
–0.3
GVDD + 0.3
V
VGH
Output voltage on GH
VSH– 0.3
VBST + 0.3
V
VSH
Voltage on SH
DC
–1
95
V
Repetitive pulse < 100 ns(2)
–19.5
95
VBST
Voltage on BST
VSH
107
V
TJ
Junction temperature
–40
125
°C
Tstg
Storage temperature
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Values are verified by characterization and are not production tested.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating junction temperature range and all voltages are with respect to GND (unless otherwise noted).
MIN
NOM
MAX
UNIT
VGVDD
Supply voltage
9
12
18
V
VIN, VSD
Input voltage range
0
VGVDD + 0.3
V
VBST
Voltage on BST
VSH + 9
105
V
VSH
Voltage on SH (DC)
–1
VBST – VGVDD
V
VSH
Voltage on SH (repetitive pulse < 100 ns)(1)
–18
VBST – VGVDD
V
SRSH
Voltage slew rate on SH
50
V/ns
TJ
Operating junction temperature
–40
125
°C
(1)
Values are verified by characterization and are not production tested.
6.4 Thermal Information
THERMAL METRIC(1)
LM2104
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
133.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75.2
°C/W
RθJB
Junction-to-board thermal resistance
76.7
°C/W
ψJT
Junction-to-top characterization parameter
25.5
°C/W
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com