Electronic Components Datasheet Search
  English  ▼

X  

LM2104DR Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2104DR
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2104DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2104DR Datasheet HTML 8Page - Texas Instruments LM2104DR Datasheet HTML 9Page - Texas Instruments LM2104DR Datasheet HTML 10Page - Texas Instruments LM2104DR Datasheet HTML 11Page - Texas Instruments LM2104DR Datasheet HTML 12Page - Texas Instruments LM2104DR Datasheet HTML 13Page - Texas Instruments LM2104DR Datasheet HTML 14Page - Texas Instruments LM2104DR Datasheet HTML 15Page - Texas Instruments LM2104DR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Table 7-1. GVDD UVLO Logic Operation
CONDITION (VBST- SH > VBSTR)
IN
SD
GH
GL
VGVDD – GND < VGVDDR during device start-up
H
L
L
L
L
H
L
L
H
H
L
L
L
L
L
L
VGVDD – GND < VGVDDR – VDDHYS after device start-up
H
L
L
L
L
H
L
L
H
H
L
L
L
L
L
L
Table 7-2. BST UVLO Logic Operation
CONDITION (VGVDD > VGVDDR)
IN
SD
GH
GL
VBST-SH < VBSTR during device start-up
H
L
L
L
L
H
L
H
H
H
L
L
L
L
L
L
VBST-SH < VBSTR – VBSTHYS after device start-up
H
L
L
L
L
H
L
H
H
H
L
L
L
L
L
L
7.3.2 Input Stages
The SD input pin controls the outputs by turning GH and GL off when the SD pin is held low, regardless of the
IN input pin state. When SD pin is held high, the IN pin controls the state of the GL and GH outputs allowing the
device to be used in single PWM input applications. When IN pin is low, GL output will turn on and GH output will
turn off, and when IN pin is high, GL output will turn off and GH output will turn on.
The device has built-in fixed dead time with a typical value of 475 ns. A small filter at each of the inputs of the
driver further improves system robustness in noise-prone applications. Both IN and SD have internal pulldown
resistors with typical value of 200 kΩ. Thus, when the inputs are floating, the outputs are held low.
7.3.3 Level Shift
The level shift circuit is the interface from the high-side input, which is a GND referenced signal, to the high-side
driver stage, which is referenced to the switch node (SH). The level shift allows control of the GH output which is
referenced to the SH pin and provides excellent delay matching with the low-side driver.
7.3.4 Output Stages
The output stages are the interface to the power MOSFETs in the power train. High slew rate, low resistance,
and high peak current capability of both outputs allow for efficient switching of the power MOSFETs. The
low-side output stage is referenced to GND and the high-side is referenced to SH.
7.3.5 SH Transient Voltages Below Ground
In most applications, the body diode of the external low-side power MOSFET clamps the SH node to ground.
In some situations, board capacitance and inductance can cause the SH node to transiently swing several volts
below ground, before the body diode of the external low-side MOSFET clamps this swing. The SH pin in the
LM2104 is allowed to swing below ground as long as specifications are not violated and conditions mentioned in
this section are followed.
SH must always be at a lower potential than GH. Pulling GH more negative than specified conditions can
activate parasitic transistors which may result in excessive current flow from the BST supply. This may result
in damage to the device. The same relationship is true with GL and GND. If necessary, a Schottky diode can
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com