Electronic Components Datasheet Search
  English  ▼

X  

AD8367ARU Datasheet(PDF) 14 Page - Analog Devices

Part # AD8367ARU
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8367ARU Datasheet HTML 10Page - Analog Devices AD8367ARU Datasheet HTML 11Page - Analog Devices AD8367ARU Datasheet HTML 12Page - Analog Devices AD8367ARU Datasheet HTML 13Page - Analog Devices AD8367ARU Datasheet HTML 14Page - Analog Devices AD8367ARU Datasheet HTML 15Page - Analog Devices AD8367ARU Datasheet HTML 16Page - Analog Devices AD8367ARU Datasheet HTML 17Page - Analog Devices AD8367ARU Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8367
Rev. A | Page 14 of 24
APPLICATIONS
The AD8367 can be configured either as a VGA whose gain
is controlled externally through the GAIN pin or as an AGC
amplifier, using a supply voltage of 2.7 V to 5.5 V. The supply
to the VPSO and VPSI pins should be decoupled using a low
inductance, 0.1 μF surface-mount, ceramic capacitor as close
as possible to the device. Additional supply decoupling can
be provided by a small series resistor. A 10 nF capacitor from
Pin DECL to Pin OCOM is recommended to decouple the
output reference voltage.
INPUT AND OUTPUT MATCHING
The AD8367 is designed to operate in a 200 Ω impedance
system. The output amplifier is a low output impedance voltage
buffer with a 50 Ω damping resistor to desensitize it from load
reactance and parasitics. The quoted performance includes the
voltage division between the 50 Ω resistor and the 200 Ω load.
The AD8367 can be reactively matched to an impedance other
than 200 Ω by using traditional step-up and step down
matching networks or high quality transformers. Table 4 lists
the 50 Ω S-parameters for the AD8367 at a VGAIN = 750 mV.
Figure 32 illustrates an example where the AD8367 is matched
to 50 Ω at 140 MHz. As shown in the Smith Chart, the input
matching network shifts the input impedance from ZIN to 50 Ω
with an insertion loss of <2 dB over a 5 MHz bandwidth. For
the output network, the 50 Ω load is made to present 200 Ω to
the AD8367 output. Table 5 provides the component values
required for 50 Ω matching at several frequencies of interest.
When added loss and noise can be tolerated, a resistive pad can
be used to provide broadband, near-matched impedances at the
device terminals and the terminations.
Minimum-loss, L-pad networks are used on the evaluation
board (see Figure 45) to allow easy interfacing to standard
50 Ω test equipment. Each pad introduces an 11.5 dB power
loss (5.5 dB voltage loss).
1
0.3333
–0.3333
–1
–3
3
0.3333
1
3
ZIN
RSOURCE
SERIES L
SHUNT C
ZIN
ZIN
XSIN
100nH
ZLOAD
ZOUT
XSOUT
13pF
CAC
0.1
μF
RSOURCE
50
Ω
RLOAD
50
Ω
XPOUT
120nH
VS
XPIN
8.2pF
AD8367
fC = 140MHz, ZIN = 197 – j34.2, RSOURCE = 50Ω
Figure 32. Reactive Matching Example for f = 140 MHz
Table 4. S-Parameters for 200 Ω System for VS = 5 V and VGAIN = 0.75 V
Frequency (MHz)
S11
S21
S12
S22
10
0.04
∠ −43.8°
41.1
∠ 178.8°
0.0003
∠ 76.1°
0.56
∠ −179.3°
70
0.09
∠ −81.5°
43.6
∠ 163.4°
0.0002
∠ 63.7°
0.55
∠ +176.1°
140
0.17
∠ −103.4°
48.0
∠ 141.4°
0.0009
∠ 130.8°
0.56
∠ +170.2°
190
0.21
∠ −111.7°
47.5
∠ 124.0°
0.0017
∠ 96.8°
0.54
∠ +166.5°
240
0.26
∠ −103.8°
48.3
∠ 107.6°
0.0018
∠ 113.5°
0.48
∠ +164.6°
Table 5. Reactive Matching Components for a 50 Ω System where RSOURCE = 50 Ω, RLOAD = 50 Ω
Frequency (MHz)
XSIN
XPIN (pF)
XSOUT (pF)
XPOUT
10
1.5 μH
120
180
1.8 μH
70
220 nH
15
27
270 nH
140
100 nH
8.2
13
120 nH
190
82 nH
2.7
10
100 nH
240
68 nH
1.5
7
82 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com