Electronic Components Datasheet Search
  English  ▼

X  

AD8367ARU Datasheet(PDF) 17 Page - Analog Devices

Part # AD8367ARU
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8367ARU Datasheet HTML 13Page - Analog Devices AD8367ARU Datasheet HTML 14Page - Analog Devices AD8367ARU Datasheet HTML 15Page - Analog Devices AD8367ARU Datasheet HTML 16Page - Analog Devices AD8367ARU Datasheet HTML 17Page - Analog Devices AD8367ARU Datasheet HTML 18Page - Analog Devices AD8367ARU Datasheet HTML 19Page - Analog Devices AD8367ARU Datasheet HTML 20Page - Analog Devices AD8367ARU Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8367
Rev. A | Page 17 of 24
VOUT 10
DECL 9
OCOM 8
C5
10nF
GAIN
5
DETO
6
ICOM
7
Vg
R5
10k
Ω
AD8367
U1
ICOM
1
ICOM 14
ENBL
2
HPFL 13
INPT
3
VPSI 12
MODE
4
VPSO 11
INPUT
J1
10nF
R6
57.6
Ω
CHP
10nF
RHP
100
Ω
VAGC
AD820
U3
2
3
6
4
7
VSET
5V
0.1
μF
R3
82k
Ω
20pF
C1
3.3nF
AD8361
U2
PWDN
4
COMM
5
RFIN
3
FLTR
6
IREF
2
VRMS 7
VPOS
1
SREF
8
R2
150k
Ω
R4
33k
Ω
R1
200k
Ω
10nF
10nF
0.1
μF
2.2
Ω
12k
Ω
C2
0.27
μF
Vrms
VOUT INTO A
200
Ω LOAD
5V
Figure 38. Example of Using an External Detector to Form an AGC Loop
Note that in this circuit the AD8367’s MODE pin must be
pulled high to obtain correct feedback polarity because the
integrator inverts the polarity of the feedback signal.
The relationship between the setpoint voltage and the rms
output voltage of the AD8367 is
(
)
7.5
225
225
×
+
×
=
−
R1
V
V
SET
RMS
OUT
(6)
where 225 is the input resistance of the AD8361 and 7.5 is its
conversion gain. For R1 = 200 Ω, this reduces to VOUT –RMS = VSET
× 0.25.
Capacitor C2 sets the averaging time for the rms detector. This
should be made long enough to provide sufficient smoothing of
the detector’s output in the presence of the modulation on the
RF signal. A level fluctuation of less than 1 dB (<5% to 10%) p-p
at the AD8361’s output is a reasonable value. A considerably
longer time constant needlessly lowers the AGC bandwidth,
while a short time constant can degrade the accuracy of the
true-rms measurement process. Components C1, R2, and R3
set the control loop’s bandwidth and stability. The maximum
stable loop bandwidth is limited by the rms detector’s averaging
time constant as previously discussed.
For an input signal consisting of a 4.096 MS/s QPSK modulated
carrier, the relationship between VSET and the output power for
this setup is shown in Figure 39. The exponential shape reflects
the linear-in-magnitude response of the AD8361. The adjacent
channel power ratio (ACPR) as a function of output power is
illustrated in Figure 40. The minima occur where the distortion
and integrated noise powers cross over.
The component values shown in Figure 38 were chosen for a
64-QAM signal at 500 kS/s at a carrier frequency of 150 MHz.
The response time of the loop as shown is roughly 5 ms for
an abrupt input level change of 40 dB. Figure 41 shows the
dynamic performance of the loop with a step-modulated
CW signal applied to the input for a VSET of about 1 V.
For a linear-in-dB response, detectors such as the AD8318 or
the AD8362 can be used in place of the AD8361.
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–20
10
5
0
–5
–10
–15
10MHz
380MHz
POUT (dBm INTO 200
Ω)
Figure 39. AGC Setpoint Voltage vs. Output Power
(QPSK: 4.096 MS/s; α = 0.22; 1 User)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com