Electronic Components Datasheet Search
  English  ▼

X  

AD603-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD603-EB
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD603-EB Datasheet HTML 10Page - Analog Devices AD603-EB Datasheet HTML 11Page - Analog Devices AD603-EB Datasheet HTML 12Page - Analog Devices AD603-EB Datasheet HTML 13Page - Analog Devices AD603-EB Datasheet HTML 14Page - Analog Devices AD603-EB Datasheet HTML 15Page - Analog Devices AD603-EB Datasheet HTML 16Page - Analog Devices AD603-EB Datasheet HTML 17Page - Analog Devices AD603-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD603
Rev. G | Page 14 of 20
USING THE AD603 IN CASCADE
Two or more AD603s can be connected in series to achieve
higher gain. Invariably, ac coupling must be used to prevent the
dc offset voltage at the output of each amplifier from
overloading the following amplifier at maximum gain. The
required high-pass coupling network will usually be just a
capacitor, chosen to set the desired corner frequency in
conjunction with the well-defined 100 Ω input resistance of the
following amplifier.
For two AD603s, the total gain control range becomes 84 dB
(2 × 42.14 dB); the overall −3 dB bandwidth of cascaded stages
will be somewhat reduced. Depending on the pin strapping, the
gain and bandwidth for two cascaded amplifiers can range from
−22 dB to +62 dB (with a bandwidth of about 70 MHz) to
+22 dB to +102 dB (with a bandwidth of about 6 MHz).
There are several ways of connecting the gain control inputs in
cascaded operation. The choice depends on whether it is
important to achieve the highest possible instantaneous signal-
to-noise ratio (ISNR), or, alternatively, to minimize the ripple in
the gain error. The following examples feature the AD603
programmed for maximum bandwidth; the explanations apply
to other gain/bandwidth combinations with appropriate
changes to the arrangements for setting the maximum gain.
SEQUENTIAL MODE (OPTIMAL S/N RATIO)
In the sequential mode of operation, the ISNR is maintained at
its highest level for as much of the gain control range as
possible. Figure 35 shows the SNR over a gain range of −22 dB
to +62 dB, assuming an output of 1 V rms and a 1 MHz
bandwidth; Figure 36, Figure 37, and Figure 38 show the general
connections to accomplish this. Here, both the positive gain
control inputs (GPOS) are driven in parallel by a positive-only,
ground-referenced source with a range of 0 V to +2 V, while the
negative gain control inputs (GNEG) are biased by stable
voltages to provide the needed gain offsets. These voltages may
be provided by resistive dividers operating from a common
voltage reference.
VC (V)
2.2
–0.2
0.6
0.2
1.4
1.0
1.8
90
80
85
70
75
65
55
60
50
Figure 35. SNR vs. Control Voltage–Sequential Control (1 MHz Bandwidth)
The gains are offset (Figure 39) such that A2’s gain is increased
only after A1’s gain has reached its maximum value. Note that
for a differential input of –600 mV or less, the gain of a single
amplifier (A1 or A2) will be at its minimum value of −11.07 dB;
for a differential input of +600 mV or more, the gain will be at
its maximum value of 31.07 dB. Control inputs beyond these
limits will not affect the gain and can be tolerated without
damage or foldover in the response. This is an important aspect
of the AD603’s gain control response. (See the Specifications
section for more details on the allowable voltage range.) The
gain is now
Gain (dB) = 40 VG + GO
(3)
where VG is the applied control voltage and GO is determined by
the gain range chosen. In the explanatory notes that follow, it is
assumed the maximum bandwidth connections are used, for
which GO is −20 dB.
31.07dB
–42.14dB
GPOS
GNEG
31.07dB
–42.14dB
GPOS
GNEG
–40.00dB
–51.07dB
–8.93dB
INPUT
0dB
VC = 0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
–20dB
A2
A1
Figure 36. AD603 Gain Control Input Calculations for Sequential Control Operation VC = 0 V
31.07dB
–42.14dB
GPOS
GNEG
31.07dB
0dB
GPOS
GNEG
0dB
–11.07dB
31.07dB
INPUT
0dB
VC = 1.0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
20dB
Figure 37. AD603 Gain Control Calculations for Sequential Control Operation VC = 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com