Electronic Components Datasheet Search
  English  ▼

X  

AD603-EB Datasheet(PDF) 18 Page - Analog Devices

Part # AD603-EB
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603-EB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD603-EB Datasheet HTML 12Page - Analog Devices AD603-EB Datasheet HTML 13Page - Analog Devices AD603-EB Datasheet HTML 14Page - Analog Devices AD603-EB Datasheet HTML 15Page - Analog Devices AD603-EB Datasheet HTML 16Page - Analog Devices AD603-EB Datasheet HTML 17Page - Analog Devices AD603-EB Datasheet HTML 18Page - Analog Devices AD603-EB Datasheet HTML 19Page - Analog Devices AD603-EB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD603
Rev. G | Page 18 of 20
APPLICATIONS
A LOW NOISE AGC AMPLIFIER
Figure 47 shows the ease with which the AD603 can be
connected as an AGC amplifier. The circuit illustrates many of
the points previously discussed: It uses few parts, has linear-in-
dB gain, operates from a single supply, uses two cascaded
amplifiers in sequential gain mode for maximum S/N ratio, and
an external resistor programs each amplifier’s gain. It also uses a
simple temperature-compensated detector.
The circuit operates from a single 10 V supply. Resistors R1, R2,
R3, and R4 bias the common pins of A1 and A2 at 5 V. This pin
is a low impedance point and must have a low impedance path
to ground, provided here by the 100 µF tantalum capacitors and
the 0.1 µF ceramic capacitors.
The cascaded amplifiers operate in sequential gain. Here, the
offset voltage between the Pin 2 (GNEG) of A1 and A2 is 1.05 V
(42.14 dB × 25 mV/dB), provided by a voltage divider
consisting of resistors R5, R6, and R7. Using standard values, the
offset is not exact, but it is not critical for this application.
The gain of both A1 and A2 is programmed by resistors R13
and R14, respectively, to be about 42 dB; thus the maximum
gain of the circuit is twice that, or 84 dB. The gain control range
can be shifted up by as much as 20 dB by appropriate choices of
R13 and R14.
The circuit operates as follows. A1 and A2 are cascaded.
Capacitor C1 and the 100 Ω of resistance at the input of A1
form a time constant of 10 µs. C2 blocks the small dc offset
voltage at the output of A1 (which might otherwise saturate A2
at its maximum gain) and introduces a high-pass corner at
about 16 kHz, eliminating low frequency noise.
A half-wave detector is used, based on Q1 and R8. The current
into capacitor CAV is just the difference between the collector
current of Q2 (biased to be 300 µA at 300 K, 27°C) and the
collector current of Q1, which increases with the amplitude of
the output signal.
The automatic gain control voltage, VAGC, is the time integral of
this error current. In order for VAGC (and thus the gain) to
remain insensitive to short-term amplitude fluctuations in the
output signal, the rectified current in Q1 must, on average,
exactly balance the current in Q2. If the output of A2 is too
small to do this, VAGC will increase, causing the gain to increase,
until Q1 conducts sufficiently.
Consider the case where R8 is zero and the output voltage VOUT
is a square wave at, say, 455 kHz, which is well above the corner
frequency of the control loop.
C2
0.1
µF
R1 3
2.49k
Ω
10V
10V
5.5V
6.5V
+
+
R2
2.49k
Ω
C32
100
µF
C4
0.1
µF
R1
2.49k
Ω
RT1
100
Ω
J1
R6
1.05k
Ω
R5
5.49k
Ω
R7
3.48k
Ω
10V
AGC LINE
CAV
0.1
µF
THIS CAPACITOR SETS
AGC TIME CONSTANT
VAGC
R9
1.54k
Ω
R8
806
Ω
Q1
2N3904
Q2
2N3906
R1 0
1.24k
Ω
R1 1
3.83k
Ω
5V
R1 2
4.99k
Ω
C11
0.1
µF
C9
0.1
µF
10V
J2
C10
0.1
µF
10V
C7
0.1
µF
C1
0.1
µF
A1
AD603
1
2
3
7
4
8
6
5
R1 4
2.49k
Ω
R4
2.49k
Ω
C52
100
µF
C6
0.1
µF
R3
2.49k
Ω
10V
C8
0.1
µF
A2
AD603
1
2
3
7
4
8
6
5
1V OFFSET FOR
SEQUENTIAL GAIN
1 RT PR OVID ES A 5 0
Ω INPUT IMPEDANCE.
2 C 3 AN D C 5 A RE TA NTALUM.
Figure 47. A Low Noise AGC Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com