Electronic Components Datasheet Search
  English  ▼

X  

AD602AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 1 Page - Analog Devices

  AD602AR Datasheet HTML 1Page - Analog Devices AD602AR Datasheet HTML 2Page - Analog Devices AD602AR Datasheet HTML 3Page - Analog Devices AD602AR Datasheet HTML 4Page - Analog Devices AD602AR Datasheet HTML 5Page - Analog Devices AD602AR Datasheet HTML 6Page - Analog Devices AD602AR Datasheet HTML 7Page - Analog Devices AD602AR Datasheet HTML 8Page - Analog Devices AD602AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual, Low Noise, Wideband
Variable Gain Amplifiers
AD600/AD602
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
2 channels with independent gain control
Linear in dB gain response
2 gain ranges
AD600: 0 dB to 40 dB
AD602: –10 dB to +30 dB
Accurate absolute gain: ±0.3 dB
Low input noise: 1.4 nV/√Hz
Low distortion: −60 dBc THD at ±1 V output
High bandwidth: dc to 35 MHz (−3 dB)
Stable group delay: ±2 ns
Low power: 125 mW (maximum) per amplifier
Signal gating function for each amplifier
Drives high speed ADCs
MIL-STD-883-compliant and DESC versions available
APPLICATIONS
Ultrasound and sonar time-gain controls
High performance audio and RF AGC systems
Signal measurement
GENERAL DESCRIPTION
The AD600/AD6021 dual channel, low noise, variable gain
amplifiers are optimized for use in ultrasound imaging systems
but are applicable to any application requiring precise gain, low
noise and distortion, and wide bandwidth. Each independent
channel provides a gain of 0 dB to +40 dB in the AD600 and
−10 dB to +30 dB in the AD602. The lower gain of the AD602
results in an improved signal-to-noise ratio (SNR) at the output.
However, both products have the same 1.4 nV/√Hz input noise
spectral density. The decibel gain is directly proportional to the
control voltage, accurately calibrated, and supply and
temperature stable.
To achieve the difficult performance objectives, a proprietary
circuit form, the X-AMP®, was developed. Each channel of the
X-AMP comprises a variable attenuator of 0 dB to −42.14 dB
followed by a high speed fixed gain amplifier. In this way, the
amplifier never has to cope with large inputs and can benefit
from the use of negative feedback to precisely define the gain
and dynamics. The attenuator is realized as a 7-stage R-2R
ladder network having an input resistance of 100 Ω, laser
trimmed to ±2%. The attenuation between tap points is 6.02 dB;
the gain-control circuit provides continuous interpolation between
these taps. The resulting control function is linear in dB.
FUNCTIONAL BLOCK DIAGRAM
PRECISION PASSIVE
INPUT ATTENUATOR
GATING
INTERFACE
SCALING
REFERENCE
GAT1
A1OP
A1CM
C1HI
C1LO
A1HI
A1LO
VG
R-2R LADDER NETWORK
GAIN CONTROL
INTERFACE
RF2
2.24kΩ (AD600)
694Ω (AD602)
RF1
20Ω
FIXED-GAIN
AMPLIFIER
41.07dB (AD600)
31.07dB (AD602)
500Ω
0dB
–6.02dB
–12.04dB
–18.06dB
–22.08dB
–30.1dB
–36.12dB
–42.14dB
62.5Ω
Figure 1.
The gain-control interfaces are fully differential, providing an
input resistance of ~15 MΩ and a scale factor of 32 dB/V (that
is, 31.25 mV/dB) defined by an internal voltage reference. The
response time of this interface is less than 1 μs. Each channel
also has an independent gating facility that optionally blocks
signal transmission and sets the dc output level to within a few
millivolts of the output ground. The gating control input is
TTL- and CMOS-compatible.
The maximum gain of the AD600 is 41.07 dB, and the
maximum gain of the AD602 is 31.07 dB; the −3 dB bandwidth
of both models is nominally 35 MHz, essentially independent of
the gain. The SNR for a 1 V rms output and a 1 MHz noise
bandwidth is typically 76 dB for the AD600 and 86 dB for the
AD602. The amplitude response is flat within ±0.5 dB from
100 kHz to 10 MHz; over this frequency range, the group delay
varies by less than ±2 ns at all gain settings.
Each amplifier channel can drive 100 Ω load impedances with
low distortion. For example, the peak specified output is ±2.5 V
minimum into a 500 Ω load or ±1 V into a 100 Ω load. For a
200 Ω load in shunt with 5 pF, the total harmonic distortion for
a ±1 V sinusoidal output at 10 MHz is typically −60 dBc.
The AD600J/AD602J are specified for operation from 0°C to 70°C
and are available in 16-lead PDIP (N) and 16-lead SOIC_W
packages. The AD600A/AD602A are specified for operation from
−40°C to +85°C and are available in 16-lead CERDIP (Q) and
16-lead SOIC_W packages. The AD600S/ AD602S are specified
for operation from −55°C to +125°C, are available in a 16-lead
CERDIP (Q) package, and are MIL-STD-883-compliant. The
AD600S/AD602S are also available under DESC SMD 5962-94572.
1 Patented.


Similar Part No. - AD602AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD602AR AD-AD602AR Datasheet
669Kb / 20P
Dual, Low Noise, Wideband Variable Gain Amplifiers
More results

Similar Description - AD602AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Analog Devices
AD600 AD-AD600 Datasheet
669Kb / 20P
Dual, Low Noise, Wideband Variable Gain Amplifiers
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD600 AD-AD600_15 Datasheet
677Kb / 33P
Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD602 AD-AD602_15 Datasheet
677Kb / 33P
Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com