Electronic Components Datasheet Search
  English  ▼

X  

AD602AR Datasheet(PDF) 28 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 28 Page - Analog Devices

Back Button AD602AR Datasheet HTML 20Page - Analog Devices AD602AR Datasheet HTML 21Page - Analog Devices AD602AR Datasheet HTML 22Page - Analog Devices AD602AR Datasheet HTML 23Page - Analog Devices AD602AR Datasheet HTML 24Page - Analog Devices AD602AR Datasheet HTML 25Page - Analog Devices AD602AR Datasheet HTML 26Page - Analog Devices AD602AR Datasheet HTML 27Page - Analog Devices AD602AR Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD600/AD602
Rev. E | Page 28 of 28
ORDERING GUIDE
Model
Gain Range
Temperature Range
Package Description
Package Option
AD600AQ
0 dB to 40 dB
−40°C to +85°C
16-Lead CERDIP
Q-16
AD600AR
0 dB to 40 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD600AR-REEL
0 dB to 40 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD600AR-REEL7
0 dB to 40 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD600ARZ1
0 dB to 40 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD600ARZ-R71
0 dB to 40 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD600ARZ-RL1
0 dB to 40 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD600JN
0 dB to 40 dB
0°C to 70°C
16-Lead PDIP
N-16
AD600JNZ1
0 dB to 40 dB
0°C to 70°C
16-Lead PDIP
N-16
AD600JR
0 dB to 40 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD600JR-REEL
0 dB to 40 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD600JR-REEL7
0 dB to 40 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD600JRZ1
0 dB to 40 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD600JRZ-R71
0 dB to 40 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD600JRZ-RL1
0 dB to 40 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD600SQ/883B2
0 dB to 40 dB
−55°C to +125°C
16-Lead CERDIP
Q-16
AD602AQ
−10 dB to +30 dB
−40°C to +85°C
16-Lead CERDIP
Q-16
AD602AR
−10 dB to +30 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD602AR-REEL
−10 dB to +30 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD602AR-REEL7
−10 dB to +30 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD602ARZ1
−10 dB to +30 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD602ARZ-R71
−10 dB to +30 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD602ARZ-RL1
−10 dB to +30 dB
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD602JCHIPS
DIE
AD602JN
−10 dB to +30 dB
0°C to 70°C
16-Lead PDIP
N-16
AD602JNZ1
−10 dB to +30 dB
0°C to 70°C
16-Lead PDIP
N-16
AD602JR
−10 dB to +30 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD602JR-REEL
–10 dB to +30 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD602JR-REEL7
−10 dB to +30 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD602JRZ1
−10 dB to +30 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD602JRZ-R71
–10 dB to +30 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD602JRZ-RL1
−10 dB to +30 dB
0°C to 70°C
16-Lead SOIC_W
RW-16
AD602SQ/883B3
−10 dB to +30 dB
−55°C to +150°C
16-Lead CERDIP
Q-16
1 Z = Pb-free part.
2 Refer to AD600/AD602 military data sheet. Also available as 5962-9457201MEA.
3 Refer to AD600/AD602 military data sheet. Also available as 5962-9457202MEA.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00538-0-1/06(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com