Electronic Components Datasheet Search
  English  ▼

X  

AD602JR Datasheet(PDF) 7 Page - Analog Devices

Part # AD602JR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602JR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD602JR Datasheet HTML 3Page - Analog Devices AD602JR Datasheet HTML 4Page - Analog Devices AD602JR Datasheet HTML 5Page - Analog Devices AD602JR Datasheet HTML 6Page - Analog Devices AD602JR Datasheet HTML 7Page - Analog Devices AD602JR Datasheet HTML 8Page - Analog Devices AD602JR Datasheet HTML 9Page - Analog Devices AD602JR Datasheet HTML 10Page - Analog Devices AD602JR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD600/AD602
Rev. E | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0.45
–0.45
0.7
–0.25
–0.35
–0.5
–0.7
–0.05
–0.15
0.05
0.15
0.25
0.35
0.5
0.3
0.1
–0.1
–0.3
GAIN CONTROL VOLTAGE (V)
Figure 3. Gain Error vs. Gain Control Voltage
100M
1M
100k
10M
20dB
17dB
–45°
FREQUENCY (Hz)
0°
–90°
Figure 4. AD600 Frequency and Phase Response vs. Gain
10dB
7dB
–45°
FREQUENCY (Hz)
0°
–90°
100k
1M
10M
100M
Figure 5. AD602 Frequency and Phase Response vs. Gain
10.0
9.0
8.0
9.8
9.6
9.4
9.2
8.2
8.8
8.6
8.4
0.7
–0.5
0.3
0.1
–0.1
–0.3
GAIN CONTROL VOLTAGE (V)
–0.7
0.5
Figure 6. AD600 and AD602 Typical Group Delay vs. VC
VG =0V
10dB/DIV
CENTER
FREQ 1MHz
10kHz/DIV
Figure 7. Third-Order Intermodulation Distortion, VOUT = 2 V p-p, RL = 500 Ω
–1.0
–3.4
–2.8
–3.2
50
–3.0
0
–2.2
–2.6
–2.4
–2.0
–1.8
–1.6
–1.2
–1.4
2000
1000
500
200
100
LOAD RESISTANCE (Ω)
Figure 8. Typical Output Voltage vs. Load Resistance
(Negative Output Swing Limits First)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com