Electronic Components Datasheet Search
  English  ▼

X  

AD602JR Datasheet(PDF) 3 Page - Analog Devices

Part # AD602JR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602JR Datasheet(HTML) 3 Page - Analog Devices

  AD602JR Datasheet HTML 1Page - Analog Devices AD602JR Datasheet HTML 2Page - Analog Devices AD602JR Datasheet HTML 3Page - Analog Devices AD602JR Datasheet HTML 4Page - Analog Devices AD602JR Datasheet HTML 5Page - Analog Devices AD602JR Datasheet HTML 6Page - Analog Devices AD602JR Datasheet HTML 7Page - Analog Devices AD602JR Datasheet HTML 8Page - Analog Devices AD602JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD600/AD602
Rev. E | Page 3 of 28
SPECIFICATIONS
Each amplifier section at TA = 25°C, VS = ±5 V, −625 mV ≤ VG ≤ +625 mV, RL = 500 Ω, and CL = 5 pF, unless otherwise noted.
Specifications for the AD600/AD602 are identical, unless otherwise noted.
Table 1.
AD600J/AD602J1
AD600A/AD602A1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
Pin 2 to Pin 3; Pin 6 to Pin 7
98
100
102
95
100
105
Ω
Input Capacitance
2
2
pF
Input Noise Spectral Density2
1.4
1.4
nV/√Hz
Noise Figure
RS = 50 Ω, maximum gain
5.3
5.3
dB
RS = 200 Ω, maximum gain
2
2
dB
Common-Mode Rejection Ratio
f = 100 kHz
30
30
dB
OUTPUT CHARACTERISTICS
−3 dB Bandwidth
VOUT = 100 mV rms
35
35
MHz
Slew Rate
275
275
V/μs
Peak Output3
RL ≥ 500 Ω
±2.5
±3
±2.5
±3
V
Output Impedance
f ≤ 10 MHz
2
2
Ω
Output Short-Circuit Current
50
50
mA
Group Delay Change vs. Gain
f = 3 MHz; full gain range
±2
±2
ns
Group Delay Change vs. Frequency
VG = 0 V, f = 1 MHz to 10 MHz
±2
±2
ns
Total Harmonic Distortion
RL= 200 Ω, VOUT = ±1 V peak, RPD = 1 kΩ
−60
−60
dBc
ACCURACY
AD600
Gain Error
0 dB to 3 dB gain
0
+0.5
+1
−0.5
+0.5
+1.5
dB
3 dB to 37 dB gain
−0.5
±0.2
+0.5
−1.0
±0.2
+1.0
dB
37 dB to 40 dB gain
−1
−0.5
0
−1.5
−0.5
+0.5
dB
Maximum Output Offset Voltage4
VG = –625 mV to +625 mV
10
50
10
65
mV
Output Offset Variation
VG = –625 mV to +625 mV
10
50
10
65
mV
AD602
Gain Error
–10 dB to –7 dB gain
0
+0.5
+1
–0.5
+0.5
+1.5
dB
–7 dB to +27 dB gain
−0.5
±0.2
+0.5
−1.0
±0.2
+1.0
dB
27 dB to 30 dB gain
−1
−0.5
0
−1.5
−0.5
+0.5
dB
Maximum Output Offset Voltage4
VG = −625 mV to +625 mV
5
30
10
45
mV
Output Offset Variation
VG = −625 mV to +625 mV
5
30
10
45
mV
GAIN CONTROL INTERFACE
Gain Scaling Factor
+3 dB to +37 dB (AD600);
−7 dB to +27 dB (AD602)
31.7
32
32.3
30.5
32
33.5
dB/V
Common-Mode Range
−0.75
+2.5
−0.75
+2.5
V
Input Bias Current
0.35
1
0.35
1
μA
Input Offset Current
10
50
10
50
nA
Differential Input Resistance
Pin 1 to Pin 16; Pin 8 to Pin 9
15
15
MΩ
Response Rate
Full 40 dB gain change
40
40
dB/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com