Electronic Components Datasheet Search
  English  ▼

X  

BYQ30EX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYQ30EX
Description  Rectifier diodes ultrafast, rugged
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ30EX Datasheet(HTML) 1 Page - NXP Semiconductors

  BYQ30EX Datasheet HTML 1Page - NXP Semiconductors BYQ30EX Datasheet HTML 2Page - NXP Semiconductors BYQ30EX Datasheet HTML 3Page - NXP Semiconductors BYQ30EX Datasheet HTML 4Page - NXP Semiconductors BYQ30EX Datasheet HTML 5Page - NXP Semiconductors BYQ30EX Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ30EX series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.95 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 16 A
• Isolated mounting tab
I
RRM ≤ 0.2 A
t
rr ≤ 25 ns
GENERAL DESCRIPTION
PINNING
SOT186A
Ultra-fast, epitaxial rectifier diodes
PIN
DESCRIPTION
intended for use as output rectifiers
in high frequency switched mode
1
anode 1
power supplies.
2
cathode
The BYQ30EX series is supplied in
the conventional leaded SOT186A
3
anode 2
package.
tab
isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYQ30EX
-150
-200
V
RRM
Peak repetitive reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
-
150
200
V
I
O(AV)
Average rectified output current square wave
-
16
A
(both diodes conducting)
1
δ = 0.5; T
hs ≤ 59 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
per diode
T
hs ≤ 59 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current per diode
t = 8.3 ms
-
110
A
sinusoidal; with reapplied
V
RWM(max)
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
per diode
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current per diode
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge
Human body model;
-
8
kV
capacitor voltage
C = 250 pF; R = 1.5 k
Ω
k
a1
a2
13
2
12 3
case
1 Neglecting switching and reverse current losses.
October 1998
1
Rev 1.200


Similar Part No. - BYQ30EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30E PHILIPS-BYQ30E Datasheet
62Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ30E-150 PHILIPS-BYQ30E-150 Datasheet
62Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
logo
Inchange Semiconductor ...
BYQ30E-150 ISC-BYQ30E-150 Datasheet
351Kb / 2P
Ultrafast Rectifier Diode
logo
NXP Semiconductors
BYQ30E-200 PHILIPS-BYQ30E-200 Datasheet
62Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
logo
WeEn Semiconductors
BYQ30E-200 WEEN-BYQ30E-200 Datasheet
376Kb / 11P
Dual ultrafast power diode
More results

Similar Description - BYQ30EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com