Electronic Components Datasheet Search
  English  ▼

X  

ADF4113HV Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4113HV
Description  High Voltage Charge Pump, PLL Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113HV Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4113HV Datasheet HTML 9Page - Analog Devices ADF4113HV Datasheet HTML 10Page - Analog Devices ADF4113HV Datasheet HTML 11Page - Analog Devices ADF4113HV Datasheet HTML 12Page - Analog Devices ADF4113HV Datasheet HTML 13Page - Analog Devices ADF4113HV Datasheet HTML 14Page - Analog Devices ADF4113HV Datasheet HTML 15Page - Analog Devices ADF4113HV Datasheet HTML 16Page - Analog Devices ADF4113HV Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADF4113HV
Rev. 0 | Page 13 of 20
Function Latch Map
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
P2
P1
000
0
CP3 CP2 CP1
0
00000
F4
F3
M3
M2
M1
F2
F1
C2(1) C1(0)
CONTROL
BITS
PRE-
SCALER
VALUE
RESERVED
CURRENT
SETTING
RESERVED
MUXOUT
CONTROL
P2
P1
PRESCALER VALUE
00
8/9
01
16/17
10
32/33
11
64/65
ICP (µA)
CPI3
CPI2
CPI1
4.7kΩ
0
0080
1
11640
F4
CHARGE PUMP
OUTPUT
0NORMAL
1
THREE-STATE
F3
PHASE DETECTOR
POLARITY
0
POSITIVE
1NEGATIVE
M3
M2
M1
OUTPUT
0
0
0
THREE-STATE OUTPUT
0
0
1
DIGITAL LOCK DETECT
(ACTIVE HIGH)
0
1
0
N DIVIDER OUTPUT
011
DVDD
1
0
0
R DIVIDER OUTPUT
1
0
1
ANALOG LOCK DETECT
1
1
0
SERIAL DATA OUTPUT
1
1
1
DGND
PD1
OPERATION
0NORMAL
1POWER DOWN
F1
COUNTER
OPERATION
0NORMAL
1
R, A, B COUNTERS
HELD IN RESET
Figure 22. Function Latch Map
FUNCTION LATCH
The on-chip function latch is programmed with C2 and C1 set
to 1,0, respectively. Figure 22 shows the input data format for
programming the function latch.
Counter Reset
DB2 (F1) is the counter reset bit. When DB2 is 1, the R counter
and the AB counters are reset. For normal operation, this bit
should be 0. Upon powering up, the F1 bit must be disabled,
and the N counter resumes counting in close alignment with
the R counter. (The maximum error is one prescaler cycle.)
Power-Down
DB3 (F2) in the function latch provides a software power-down
for the ADF4113HV. The device powers down immediately
after latching a 1 into Bit F2.
When the CE pin is low, the device immediately powers down
regardless of the state of the power-down bit (F2).
When a power-down is activated (either through software or
a CE pin activated power-down), the following events occur:
•
All active dc current paths are removed.
•
The R, N, and timeout counters are forced to their load
state conditions.
•
The charge pump is forced into three-state mode.
•
The digital clock detect circuitry is reset.
•
The RFINA and RFINB inputs are debiased.
•
The reference input buffer circuitry is disabled.
•
The input register remains active and capable of loading
and latching data.
MUXOUT Control
The on-chip multiplexer is controlled by M3, M2, and M1 on
the ADF4113HV. Figure 22 shows the truth table.
Charge Pump Currents
CPI3, CPI2, and CPI1 program the current setting for the
charge pump. The truth table is given in Figure 22.
Prescaler Value
P2 and P1 in the function latch set the prescaler values. The
prescaler value should be chosen so that the prescaler output
frequency is always less than or equal to 200 MHz. Thus, with
an RF frequency of 2 GHz, a prescaler value of 16/17 is valid,
but a value of 8/9 is not.
PD Polarity
This bit sets the phase detector polarity bit. See Figure 22.
CP Three-State
This bit controls the CP output pin. With the bit set high, the
CP output is put into three-state. With the bit set low, the CP
output is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com