Electronic Components Datasheet Search
  English  ▼

X  

ADF4113HV Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4113HV
Description  High Voltage Charge Pump, PLL Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113HV Datasheet(HTML) 3 Page - Analog Devices

  ADF4113HV Datasheet HTML 1Page - Analog Devices ADF4113HV Datasheet HTML 2Page - Analog Devices ADF4113HV Datasheet HTML 3Page - Analog Devices ADF4113HV Datasheet HTML 4Page - Analog Devices ADF4113HV Datasheet HTML 5Page - Analog Devices ADF4113HV Datasheet HTML 6Page - Analog Devices ADF4113HV Datasheet HTML 7Page - Analog Devices ADF4113HV Datasheet HTML 8Page - Analog Devices ADF4113HV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADF4113HV
Rev. 0 | Page 3 of 20
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, 5 V ± 10%; 13.5 V < VP ≤ 16.5 V; AGND = DGND = CPGND = 0 V; RSET = 4.7 kΩ; dBm referred to 50 Ω;
TA = TMIN to TMAX, unless otherwise noted. Operating temperature range for B version: −40°C to +85°C.
Table 1.
Parameter
B Version
B Chips1
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
RF Input Sensitivity
−15/0
−15/0
dBm min/max
RF Input Frequency
0.2/3.7
0.2/3.7
GHz min/max
For lower frequencies, ensure SR > 130 V/μs
Prescaler Output Frequency2
165
165
MHz max
RF CHARACTERISTICS (5 V)
RF Input Sensitivity
−10/0
−10/0
dBm min/max
RF Input Frequency
0.2/3.7
0.2/3.7
GHz min/max
For lower frequencies, ensure SR > 130 V/μs
0.2/4.0
0.2/4.0
GHz min/max
Input level = −5 dBm
Prescaler Output Frequency
200
200
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
5/150
5/150
MHz min/max
For f < 5 MHz, ensure SR > 100 V/μs
Reference Input Sensitivity
0.4/AVDD
0.4/AVDD
V p-p min/max
AVDD = 3.3 V, biased at AVDD/23
1.0/AVDD
1.0/AVDD
V p-p min/max
For f ≥ 10 MHz, AVDD = 5 V, biased at AVDD/23, 4
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
μA max
PHASE DETECTOR FREQUENCY
5
5
MHz max
CHARGE PUMP
ICPSink/Source
RSET = 4.7 kΩ
High Value
640
640
μA typ
Low Value
80
80
μA typ
Absolute Accuracy
2.5
2.5
% typ
RSET Range
3.9/10
3.9/10
kΩ typ
ICP Three-State Leakage Current
5
5
nA max
Sink and Source Current Matching
3
3
% typ
1 V ≤ VCP ≤ VP – 1 V
ICP vs. VCP
1.5
1.5
% typ
1 V ≤ VCP ≤ VP – 1 V
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8 × DVDD
0.8 × DVDD
V min
VINL, Input Low Voltage
0.2 × DVDD
0.2 × DVDD
V max
IINH/IINL, Input Current
±1
±1
μA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD − 0.4
DVDD − 0.4
V min
IOH = 500 μA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 μA
POWER SUPPLIES
AVDD
2.7/5.5
2.7/5.5
V min/V max
DVDD
AVDD
AVDD
VP
13.5/16.5
13.5/16.5
V min/V max
IDD5 (AIDD
DD
+ DI )
16
11
mA max
11 mA typical
IP
0.25
0.25
mA max
TA = 25°C
Low Power Sleep Mode
1
1
μA typ
NOISE CHARACTERISTICS
Normalized Phase Noise Floor6
−212
−212
dBc/Hz typ
1 The B chip specifications are given as typical values.
2 This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.
3 AC coupling ensures AVDD/2 bias.
4 Guaranteed by characterization.
5 TA = 25oC; AVDD = DVDD = 5.5 V; P = 16; RFIN = 900 MHz.
6 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO, PNTOT, and subtracting 20logN (where N is the N divider
value) and 10logfPFD: PNSYNTH = PNTOT − 10logfPFD − 20logN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com