Electronic Components Datasheet Search
  English  ▼

X  

AD1992 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1992
Description  Audio Switching Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1992 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1992 Datasheet HTML 10Page - Analog Devices AD1992 Datasheet HTML 11Page - Analog Devices AD1992 Datasheet HTML 12Page - Analog Devices AD1992 Datasheet HTML 13Page - Analog Devices AD1992 Datasheet HTML 14Page - Analog Devices AD1992 Datasheet HTML 15Page - Analog Devices AD1992 Datasheet HTML 16Page - Analog Devices AD1992 Datasheet HTML 17Page - Analog Devices AD1992 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD1992
Rev. 0 | Page 14 of 20
Note that the amplifier is capable of dc-coupled operation if the
circuit includes some means to account for this bias voltage.
AINL/
AINR
0V
+
Figure 34. AC-Coupled Input Signal
Setting the Modulator Gain
The AD1992 modulator uses a combination of the input signal
and feedback from the power output stage to calculate its two-
state output pattern. The feedback input nodes are part of the
internal analog circuit that operates from the AVDD (nominal
5 V) power supply. Because the voltage measured at the power
outputs is nominally between 0 V and PVDD, and thus beyond
the 0 V to AVDD range, a voltage divider is required to scale the
feedback to an appropriate level.
Resistor voltage dividers should sense the voltage on each side
of the differential output and provide these feedback signals to
the modulator, as shown in Figure 35.
EXTERNAL COMPONENTS
R1
R3
CC
LL
RL
D2
D4
D1
D3
OUTx+
OUTx–
R2
R4
PVDD
PVDD
NFx+
NFx–
PGND
PGND
Figure 35. H-Bridge Configuration
The resistor values should satisfy the following equation to
maintain modulator stability.
635
.
3
4
4
3
2
2
1
DD
PV
R
R
R
R
R
R
Gain
=
+
=
+
=
Selecting a gain that meets this criterion ensures that the
modulator remains in a stable operating condition.
The ratio of the resistances sets the gain rather than the absolute
values. However, the dividers provide a path from the high
voltage supply to ground; therefore, the values should be large
enough to produce negligible loss due to quiescent current.
The chip contains a calibration circuit to minimize voltage
offsets at the speaker, which helps to minimize clicks and pops
when muting or unmuting. Optimal performance is achieved
for the offset calibration circuit when the feedback divider resistors
sum to 6 kΩ, that is, (R1 + R2) = 6 kΩ, and (R3 + R4) = 6 kΩ.
This fixed total resistance to ground eliminates the last free
variable and gives the following equations for the resistors:
DD
PV
R4
R2
21810
=
=
R1
= R3 = 6000 − R2
Note that the gain previously mentioned applies to each side of
the differential output pair. Therefore, the total forward gain for
the modulator and output stage is twice that value. Recommended
resistor values for some common supply voltages are shown
in Table 10.
Table 10. Recommended Feedback Resistor Values
PVDD (V)
R1 (kΩ)
R2 (kΩ)
Voltage
Divider Gain
Differential
System Gain
12
4.18
1.82
3.30
6.60 (16.4 dB)
15
4.55
1.45
4.13
8.25 (18.3 dB)
18
4.79
1.21
4.95
9.90 (19.9 dB)
20
4.91
1.09
5.50
11.0 (20.8 dB)
Programmable Gain Amplifier (PGA)
The Σ-Δ modulator itself requires a fixed gain for a given value
of PVDD to maintain optimal stability. This gain can be appropriate,
but many applications require more gain to account for low
source signal levels. The AD1992 includes a programmable gain
amplifier (PGA) to boost the overall amplifier gain. The total gain
for the amplifier is the product of the modulator gain and the
PGA gain. PGA1 (Pin 31) and PGA0 (Pin 32) select one of four
PGA gain values, as shown in Table 11.
Table 11. PGA Gain Settings
PGA1
PGA0
PGA Gain
0
0
1 (0 dB)
0
1
2 (6 dB)
1
0
4 (12 dB)
1
1
8 (18 dB)
The AD1992 incorporates a single-ended-to-differential
converter for each channel in the analog front-end section.
The PGA is also part of this analog front-end, and it affects the
analog input signal before it enters the Σ-Δ modulator. The
PGA1 and PGA0 pins are continuously monitored and allow
the gain to be changed at any time.
POWER STAGE
The H-Bridge
The output stage of the AD1992 includes four integrated
MOSFET devices arranged in a full H-bridge, as shown in
Figure 35. The P-Type, high-side transistor of one leg and the
N-Type, low-side transistor of the opposite leg switch on and off
as a pair producing a total voltage swing across the load of
−PVDD to +PVDD. The drive is floating and differential, and it is
important that neither output terminal be shorted to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com