Electronic Components Datasheet Search
  English  ▼

X  

AD1992 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1992
Description  Audio Switching Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1992 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1992 Datasheet HTML 11Page - Analog Devices AD1992 Datasheet HTML 12Page - Analog Devices AD1992 Datasheet HTML 13Page - Analog Devices AD1992 Datasheet HTML 14Page - Analog Devices AD1992 Datasheet HTML 15Page - Analog Devices AD1992 Datasheet HTML 16Page - Analog Devices AD1992 Datasheet HTML 17Page - Analog Devices AD1992 Datasheet HTML 18Page - Analog Devices AD1992 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD1992
Rev. 0 | Page 15 of 20
The power supply for the output stage of the AD1992, PVDD,
should be in the 8 V to 20 V range and should be capable of
supplying enough current to drive the load. Connect the power
supply across the PVDD and PGND pins. The feedback pins,
NFR+, NFR−, NFL+, and NFL−, supply negative feedback to the
modulator as described in the Setting the Modulator Gain section.
For reactive loads, the impedance can only be below the
recommended threshold over a small portion of the amplifier’s
bandwidth. In these cases, the amplifier can enter overcurrent
shutdown in response to even small input signals in those
frequency bands. When designing a system, use the minimum
load impedance over the entire range of amplified frequencies
when calculating current output rather than the average or
nominal load impedance ratings often cited by loudspeaker
driver manufacturers.
Output Transistor Nonoverlap Time
The AD1992 allows the user to select from one of eight different
nonoverlap times, as shown in Figure 36. Nonoverlap time
prevents or minimizes the period during which both the high-
side and low-side devices are on simultaneously due to propagation
delays and nonzero rise and fall times. If both the upper and
lower portions of a half-bridge conduct simultaneously, there is a
path directly from the power supply to ground and an induced
current flow known as shoot-through. However, introducing
this delay increases distortion by pushing the switching pattern
further from an ideal two-state waveform. Selecting the
nonoverlap delay requires a compromise between distortion
and efficiency. The logic levels on the three delay control pins,
DCTRL2, DCTRL1, and DCTRL0, set the nonoverlap time
according to Table 12. The state of DCTRL[2:0] is read on the
rising edge of RESET and should not be changed while RESET
is logic high.
Table 12. Nonoverlap Time Settings
DCTRL2
DCTRL1
DCTRL0
Nonoverlap Time (ns)1
0
0
0
62
0
0
1
49
0
1
0
37
0
1
1
24
1
0
0
15
1
0
1
13.5
1
1
0
12
1
1
1
9
1 Values are typical and are not production tested.
HIGH-SIDE
GATE DRIVE
LOW-SIDE
GATE DRIVE
tNOL
tNOL
Figure 36. Half-Bridge Nonoverlap Delay Timing
The shortest setting (DCTRL[2:0] = 111) or the second shortest
setting (DCTRL[2:0] = 111) is recommended for most applications.
These two settings allow a small trade-off between efficiency
and distortion. Longer nonoverlap times generally increase
distortion while providing little or no decrease in shoot-
through current.
CLOCKING
The AD1992 Σ-Δ modulator requires an external clock source
with a nominal frequency of 12.288 MHz. This clock can come
from a crystal or from an existing clock signal in the application
circuit. The discrete time portions of the modulator run internally
at 6.144 MHz, corresponding to 128 × fS, where fS = 48 kHz.
As mentioned in the Σ-Δ Modulator section, the modulator has
a noise-shaping effect such that SNR is increased within the
audio band by shifting modulator quantization noise upward in
frequency. For an external clock frequency of 12.288 MHz, the
modulator’s noise-shaping works in a manner that results in a
flat noise floor at the amplifier output for frequencies 20 kHz
and below. Above 20 kHz, the amplifier noise rises due to the
spectral shaping of the modulator quantization noise. At very high
frequencies, the noise floor levels off and decreases due to poles in
the modulator noise-transfer function and in the external LC filter.
The clock frequency does not have to be exactly equal to
12.288 kHz and can vary by up to ±10%. For other rates, the
noise corner scales linearly with frequency. When the modulator
runs at a rate lower than nominal, the average power stage
switching frequency decreases, the efficiency increases slightly,
and the noise floor begins to rise at a slightly lower frequency.
Likewise, a faster clock gives slightly increased bandwidth and
slightly lower efficiency.
Using a Crystal Oscillator
The AD1992 can use a crystal connected to the CLKI and
CLKO pins as a master clock source, as shown in Figure 37. The
CLKI and CLKO pins connect to an internal inverter to create a
full resonator. The typical values shown work in many applications,
but the crystal manufacturer should provide the exact type and
value of the capacitors and the resistor.
22pF
22pF
XTAL
47Ω
Figure 37. Crystal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com