Electronic Components Datasheet Search
  English  ▼

X  

AD7400 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7400
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7400 Datasheet HTML 5Page - Analog Devices AD7400 Datasheet HTML 6Page - Analog Devices AD7400 Datasheet HTML 7Page - Analog Devices AD7400 Datasheet HTML 8Page - Analog Devices AD7400 Datasheet HTML 9Page - Analog Devices AD7400 Datasheet HTML 10Page - Analog Devices AD7400 Datasheet HTML 11Page - Analog Devices AD7400 Datasheet HTML 12Page - Analog Devices AD7400 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7400
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, using 20 kHz brickwall filter, unless otherwise noted.
100
0
20
10
30
40
50
60
70
80
90
100
0
200
300
400
500
600
700
800
900 1000
SUPPLY RIPPLE FREQUENCY (kHz)
200mV p-p SINEWAVE ON VDD1
NO DECOUPLING
VDD1 = VDD2 = 4.5V TO 5.25V
Figure 6. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
(1 MHz Filter Used)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
4000
3500
3000
2500
2000
1500
1000
500
INPUT FREQUENCY (Hz)
VDD1 = VDD2 = 4.5V
VDD1 = VDD2 = 5.25V
VDD1 = VDD2 = 5V
Figure 7. SINAD vs. Analog Input Frequency for Various Supply Voltages
FREQUENCY (kHz)
0
–20
–180
–160
–140
–120
–100
–80
–60
–40
020
18
16
14
12
10
8
6
4
2
8192 POINT FFT
fIN = 35Hz
SINAD = 79.6991dB
THD = –92.6722dB
DECIMATION BY 256
Figure 8. Typical FFT, ±200 mV Range
(Using Sinc3 Filter, 256 Decimation Rate)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.195
0.315
0.215
0.235
0.255
0.275
0.295
± INPUT AMPLITUDE (V)
VDD1 =VDD2 =5V
Figure 9. SINAD vs. VIN
CODE
0.5
–0.4
–0.3
–0.2
0
–0.1
0.1
0.2
0.3
0.4
0
60000
50000
40000
30000
20000
10000
VIN+ = –200mV TO +200mV
VIN– = 0V
Figure 10. Typical DNL, ±200 mV Range
(Using Sinc3 Filter, 256 Decimation Rate)
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0
60000
50000
40000
30000
20000
10000
VIN+ = –200mV TO +200mV
VIN–= 0V
Figure 11. Typical INL, ±200 mV Range
(Using Sinc3 Filter, 256 Decimation Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com