Electronic Components Datasheet Search
  English  ▼

X  

AD7401 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7401
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7401 Datasheet HTML 11Page - Analog Devices AD7401 Datasheet HTML 12Page - Analog Devices AD7401 Datasheet HTML 13Page - Analog Devices AD7401 Datasheet HTML 14Page - Analog Devices AD7401 Datasheet HTML 15Page - Analog Devices AD7401 Datasheet HTML 16Page - Analog Devices AD7401 Datasheet HTML 17Page - Analog Devices AD7401 Datasheet HTML 18Page - Analog Devices AD7401 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7401
Rev. A | Page 15 of 20
DIGITAL FILTER
A Sinc3 filter is recommended for use with the AD7401. This
filter can be implemented on an FPGA or possibly a DSP. The
following Verilog code provides an example of a Sinc3 filter
implementation on a Xylinx® Spartan-II 2.5 V FPGA. This code
can possibly be compiled for another FPGA, such as an Altera®
device. Note that the data is read on the negative clock edge in
this case; although, it can be read on the positive edge, if
preferred. Figure 29 shows the effect of using different
decimation rates with various filter types.
/*`Data is read on negative clk edge*/
module DEC256SINC24B(mdata1, mclk1, reset,
DATA);
input
mclk1;
/*used to clk filter*/
input
reset;
/*used to reset filter*/
input
mdata1;
/*ip data to be
filtered*/
output [15:0] DATA;
/*filtered op*/
integer location;
integer info_file;
reg [23:0]
ip_data1;
reg [23:0]
acc1;
reg [23:0]
acc2;
reg [23:0]
acc3;
reg [23:0]
acc3_d1;
reg [23:0]
acc3_d2;
reg [23:0]
diff1;
reg [23:0]
diff2;
reg [23:0]
diff3;
reg [23:0]
diff1_d;
reg [23:0]
diff2_d;
reg [15:0]
DATA;
reg [7:0]
word_count;
reg word_clk;
reg init;
/*Perform the Sinc ACTION*/
always @ (mdata1)
if(mdata1==0)
ip_data1 <= 0;
/* change from a 0
to a -1 for 2's comp */
else
ip_data1 <= 1;
/*ACCUMULATOR (INTEGRATOR)
Perform the accumulation (IIR) at the speed
of the modulator.
MCLKIN
IP_DATA1
ACC1+
ACC2+
ACC3+
+
Z
+
Z
+
Z
Figure 26. Accumulator
Z = one sample delay
MCLKOUT = modulators conversion bit rate
*/
always @ (posedge mclk1 or posedge reset)
if (reset)
begin
/*initialize acc registers on reset*/
acc1 <= 0;
acc2 <= 0;
acc3 <= 0;
end
else
begin
/*perform accumulation process*/
acc1 <= acc1 + ip_data1;
acc2 <= acc2 + acc1;
acc3 <= acc3 + acc2;
end
/*DECIMATION STAGE (MCLKOUT/ WORD_CLK)
*/
always @ (negedge mclk1 or posedge reset)
if (reset)
word_count <= 0;
else
word_count <= word_count + 1;
always @ (word_count)
word_clk <= word_count[7];
/*DIFFERENTIATOR ( including decimation
stage)
Perform the differentiation stage (FIR) at a
lower speed.
WORD_CLK
ACC3
DIFF1
DIFF3
+
–
+
–
DIFF2
Z–1
–
+
–
Z–1
Z–1
Figure 27. Differentiator
Z = one sample delay
WORD_CLK = output word rate
*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com