Electronic Components Datasheet Search
  English  ▼

X  

AD8042 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices AD8042 Datasheet HTML 13Page - Analog Devices AD8042 Datasheet HTML 14Page - Analog Devices AD8042 Datasheet HTML 15Page - Analog Devices AD8042 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8042
Rev. D | Page 12 of 16
OVERDRIVE RECOVERY
Overdrive of an amplifier occurs when the output and/or input
range are exceeded. The amplifier must recover from this
overdrive condition. As shown in Figure 35, the AD8042
recovers within 30 ns from negative overdrive and within 25 ns
from positive overdrive.
5.0V
2.5V
0V
G = +2
VS = 5V
VIN = 5V p-p
RL = 1kΩ TO 2.5V
50ns
1V
Figure 35. Overdrive Recovery
CIRCUIT DESCRIPTION
The AD8042 is fabricated on Analog Devices proprietary eXtra-
Fast Complementary Bipolar (XFCB) process, which enables
the construction of PNP and NPN transistors with similar fTs in
the 2 GHz to 4 GHz region. The process is dielectrically isolated
to eliminate the parasitic and latch-up problems caused by
junction isolation. These features allow the construction of high
frequency, low distortion amplifiers with low supply currents.
This design uses a differential output input stage to maximize
bandwidth and headroom (see Figure 36). The smaller signal
swings required on the first stage outputs (nodes S1P, S1N)
reduce the effect of nonlinear currents due to junction
capacitances and improve the distortion performance. With this
design, harmonic distortion of better than −77 dB @ 1 MHz
into 100 Ω with VOUT = 2 V p-p (gain = +2) on a single 5 V
supply is achieved.
SIN
R21
R3
VEE
Q11
Q3
I10
R26
R39
Q5
Q4
Q40
I7
R2
R15
Q13
Q17
R5
C7
Q2
SIP
Q22
Q7
Q21
Q24
R23 R27
I2
I3
I1
Q51
Q25
Q50
Q39
Q47
Q27
Q31
Q23
I9
I5
VEE
VCC
I8
Q36
Q8
VOUT
C3
C9
VCC
VINP
VINN
VEE
Figure 36. Simplified Schematic
The AD8042’s rail-to-rail output range is provided by a
complementary common-emitter output stage. High output
drive capability is provided by injecting all output stage
predriver currents directly into the bases of the output devices
Q8 and Q36. Biasing of Q8 and Q36 is accomplished by I8 and
I5, along with a common-mode feedback loop (not shown).
This circuit topology allows the AD8042 to drive 40 mA of
output current with the outputs within 0.5 V of the supply rails.
On the input side, the device can handle voltages from 0.2 V
below the negative rail to within 1.2 V of the positive rail.
Exceeding these values does not cause phase reversal; however,
the input ESD devices do begin to conduct if the input voltages
exceed the rails by greater than 0.5 V.
DRIVING CAPACITIVE LOADS
The capacitive load drive of the AD8042 can be increased by
adding a low valued resistor in series with the load. Figure 37
shows the effects of a series resistor on capacitive drive for
varying voltage gains. As the closed-loop gain is increased, the
larger phase margin allows for larger capacitive loads with less
overshoot. Adding a series resistor with lower closed-loop gains
accomplishes the same effect. For large capacitive loads, the
frequency response of the amplifier is dominated by the roll-off
of the series resistor and capacitive load.
1000
100
10
15
24
3
CLOSED-LOOP GAIN (V/V)
CL
RS
VS = 5V
200mV STEP WITH 90% OVERSHOOT
RS = 20Ω
RS = 5Ω
RS = 0Ω
Figure 37. Capacitive Load Drive vs. Closed-Loop Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com