Electronic Components Datasheet Search
  English  ▼

X  

AD8042 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices AD8042 Datasheet HTML 13Page - Analog Devices AD8042 Datasheet HTML 14Page - Analog Devices AD8042 Datasheet HTML 15Page - Analog Devices AD8042 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8042
Rev. D | Page 14 of 16
Single-Ended-to-Differential Driver
Using a cross-coupled, single-ended-to-differential converter,
the AD8042 makes a good general-purpose differential line
driver. This can be used for applications such as driving
Category-5 (CAT-5) twisted pair wire. Figure 39 shows a
configuration for a circuit that performs this function that
can be used for video transmission over a differential pair or
various data communication purposes.
10µF
60.4Ω
60.4Ω
100Ω
RF
1kΩ
RIN
1kΩ
49.9Ω
RA
1kΩ
RA
1kΩ
RB
1kΩ
RB
1kΩ
0.1µF
50m
121Ω
AMP1
8
3
2
6
5
7
4
1
VIN
AMP2
+5V
VOUT
AD8042
10µF
0.1µF
–5V
Figure 39. Single-Ended-to-Differential Twisted Pair Line Driver
Each of the AD8042’s op amps is configured as a unity gain
follower by the feedback resistors (RA). Each op amp output also
drives the other as a unity gain inverter via the two RBS, creating
a totally symmetrical circuit.
If the + input to Amp2 is grounded and a small positive signal is
applied to the + input of Amp1, the output of Amp1 is driven to
saturation in the positive direction and the input of Amp2 is
driven to saturation in the negative direction. This is similar to
the way a conventional op amp behaves without any feedback.
If a resistor (RF) is connected from the output of Amp2 to the
+ input of Amp1, negative feedback is provided which closes
the loop. An input resistor (RI) makes the circuit look like a
conventional inverting op amp configuration with differential
outputs.
The gain of this circuit from input to either output is ±RF/RI, or
the single-ended-to-differential gain is 2 × RF/RI. This gives the
circuit the advantage of being able to adjust its gain by changing
a single resistor.
The cable has a characteristic impedance of about 120 Ω. Each
driver output is back terminated with a pair of 60.4 Ω resistors
to make the source look like 120 Ω. The receive end is terminated
with 121 Ω, and the signal is measured differentially with a pair
of scope probes. One channel on the oscilloscope is inverted
and then the signals are added.
The scope photo in Figure 40 shows a 10 MHz, 2 V p-p input
signal driving the circuit with 50 m of CAT-5 twisted pair wire.
VIN
VOUT
50ns
1V
100
10
0%
90
200mV
200mV
Figure 40. Differential Driver Frequency Response
Single-Supply Differential A/D Driver
The single-ended-to-differential converter circuit is also useful
as a differential driver for video speed, single-ended, differential
input ADCs. Figure 41 is a schematic that shows such a circuit
differentially driving an AD9220, a 12-bit, 10-MSPS ADC.
VINA
VINB
CAPT
CAPB
VREF
SENSE
CML
CLK
AD9220
19
27
25
14
13
12
11
10
9
8
7
6
5
4
3
2
+5V
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
2.49kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
2.49kΩ
0.1µF
DVDD
AVDD
AVDD
REFCOM DVSS AVSS AVSS
16
28
15
26
OTR
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT8
BIT9
BIT10
BIT11
BIT12
CLOCK
1
18
17
22
10/16
8
3
2
6
5
7
4
+5V
1
VIN
+5V
+5V
+5V
+5V
AD8042
0.1µF
0.1µF
Figure 41. AD8042 Differential Driver for the AD9220 12-Bit, 10-MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com