Electronic Components Datasheet Search
  English  ▼

X  

L5991A Datasheet(PDF) 17 Page - STMicroelectronics

Part # L5991A
Description  PRIMARY CONTROLLER WITH STANDBY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5991A Datasheet HTML 13Page - STMicroelectronics L5991A Datasheet HTML 14Page - STMicroelectronics L5991A Datasheet HTML 15Page - STMicroelectronics L5991A Datasheet HTML 16Page - STMicroelectronics L5991A Datasheet HTML 17Page - STMicroelectronics L5991A Datasheet HTML 18Page - STMicroelectronics L5991A Datasheet HTML 19Page - STMicroelectronics L5991A Datasheet HTML 20Page - STMicroelectronics L5991A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
L5991
12
413
SGND
VREF
ISEN
OPTIONAL
D97IN751A
10
RSENSE
RA
R
Figure 35. Standby thresholds adjustment.
D97IN761
L5991
PGND
ISEN
OUT
VC
SGND
VIN
ISOLATION
BOUNDARY
10
9
13
11
12
Figure 36. Isolated MOSFET Drive & Current Transformer Sensing in 2-switch Topologies.
L5991
VREF
T
VCC
VIN
20V
D97IN762B
2.2M
Ω
33K
Ω
SELF-SUPPLY
WINDING
8
4
12
11
47K
Ω
STD1NB50-1
Figure 37. Low consumption start-up.
D97IN763
L5991
PGND
ISEN
OUT
VC
VIN
9
10
13
11
8
VCC
Figure 38. Bipolar transistor driver.
L5991 - L5991A
17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com