Electronic Components Datasheet Search
  English  ▼

X  

L5991A Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5991A
Description  PRIMARY CONTROLLER WITH STANDBY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5991A Datasheet HTML 15Page - STMicroelectronics L5991A Datasheet HTML 16Page - STMicroelectronics L5991A Datasheet HTML 17Page - STMicroelectronics L5991A Datasheet HTML 18Page - STMicroelectronics L5991A Datasheet HTML 19Page - STMicroelectronics L5991A Datasheet HTML 20Page - STMicroelectronics L5991A Datasheet HTML 21Page - STMicroelectronics L5991A Datasheet HTML 22Page - STMicroelectronics L5991A Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Figure 42. Protection against overvoltage/feedback disconnection (latched)
L5991
D97IN755A
DC
VCC
VREF
RSTART
3
12
8
4
11
Figure 43 Protection against overvoltage/feed-
back disconnection (not latched)
D97IN756A
PGND
L5991
OPTIONAL
VREF
SGND
DIS
ISEN
I
4
14
13
12
11
RSENSE
R2
R1
Ipk
Ipk max ≅
2.5
RSENSE
1-
R2
R1
•
Figure 44. Device shutdown on overcurrent
D97IN757
PGND
L5991
OUT
SGND
ISEN
Lp
RFF
R
VIN
RFF = 6·10
6
R·Lp
RSENSE
RSENSE
13
10
12
11
80
÷ 400V
DC
Figure 45. Constant power in pulse-by-pulse current limitation (flyback discontinuous)
L5991
DC
10K
COMP
3
6
12
13
SGND
ISEN
D97IN758A
Figure 46. Voltage mode operation.
L5991
D98IN905
SGND
DIS
VCC
RSTART
PGND
8
14
12
11
VZ
2.2K
L5991
D97IN754
SGND
DIS
VCC
RSTART
PGND
8
14
12
11
L5991 - L5991A
19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com