Electronic Components Datasheet Search
  English  ▼

X  

AD8052 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8052 Datasheet HTML 5Page - Analog Devices AD8052 Datasheet HTML 6Page - Analog Devices AD8052 Datasheet HTML 7Page - Analog Devices AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8051/AD8052/AD8054
Rev. G | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Ratings
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltage
12.6 V
Internal Power Dissipation1
SOIC Packages
Observe Power
Derating Curves
SOT-23 Package
Observe Power
Derating Curves
MSOP Package
Observe Power
Derating Curves
MAXIMUM POWER DISSIPATION
TSSOP Package
Observe Power
Derating Curves
The maximum power that can be safely dissipated by the
AD8051/AD8052/AD8054 is limited by the associated rise in
junction temperature. The maximum safe junction temperature
for plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 150°C.
Temporarily exceeding this limit can cause a shift in parametric
performance due to a change in the stresses exerted on the die
by the package. Exceeding a junction temperature of 175°C for
an extended period can result in device failure.
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±2.5 V
Output Short-Circuit Duration
Observe Power
Derating Curves
Storage Temperature Range (R)
−65°C to +150°C
Operating Temperature Range (A Grade)
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
1 Specification is for device in free air:
8-Lead SOIC: θ = 125°C/W
5-Lead SOT-23: θ = 180°C/W
8-Lead MSOP: θ = 150°C/W
14-Lead SOIC: θ = 90°C/W
14-Lead TSSOP: θ = 120°C/W.
While the AD8051/AD8052/AD8054 are internally short-
circuit protected, this cannot be sufficient to guarantee that the
maximum junction temperature (150°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves.
JA
JA
JA
JA
JA
AMBIENT TEMPERATURE (°C)
–55
0
2.0
1.5
1.0
0.5
5
2.5
MSOP-8
SOIC-8
SOT-23-5
SOIC-14
TSSOP-14
–35
–15
15
35
55
75
95
115
Figure 6. Maximum Power Dissipation vs.
Temperature for AD8051/AD8052/AD8054
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com