Electronic Components Datasheet Search
  English  ▼

X  

AD8052 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8052 Datasheet HTML 7Page - Analog Devices AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices AD8052 Datasheet HTML 14Page - Analog Devices AD8052 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8051/AD8052/AD8054
Rev. G | Page 11 of 24
6.3
5.9
5.4
6.2
6.1
6.0
5.8
5.7
5.6
5.5
11
10
FREQUENCY (MHz)
6.3
6.2
5.3
0.1
100
5.9
5.6
5.5
5.4
6.1
6.0
5.7
5.8
VS = 5V
G = +2
RL = 150Ω
RF = 806Ω
VO = 0.2V p-p
110
00
FREQUENCY (MHz)
5.3
VS = 5V
RF = 200Ω
RL = 150Ω
G = +2
VO = 0.2V p-p
Figure 16. AD8054 0.1 dB Gain Flatness vs. Frequency; G = +2
Figure 13. AD8051/AD8052 0.1 dB Gain Flatness vs. Frequency; G = +2
FREQUENCY (MHz)
9
8
–1
5
2
1
0
7
6
3
4
VS = +5V
VO = 2V p-p
VS AS SHOWN
G = +2
RF = 2kΩ
RL = 2kΩ
VO AS SHOWN
VS = ±5V
VO = 4V p-p
0.1
1
10
100
500
FREQUENCY (MHz)
9
8
–1
5
2
1
0
7
6
3
4
VS = +5V
VO = 2V p-p
VS AS SHOWN
G = +2
RF = 2kΩ
RL = 2kΩ
VO AS SHOWN
VS = ±5V
VO = 4V p-p
0.1
1
10
100
500
Figure 17. AD8054 Large Signal Frequency Response; G = +2
Figure 14. AD8051/AD8052 Large Signal Frequency Response; G = +2
GAIN
PHASE
180
135
90
45
0
FREQUENCY (Hz)
80
70
–20
40
10
0
–10
60
50
20
30
45° PHASE
MARGIN
30k
100k
1M
10M
100M
500M
VS = 5V
RL = 2kΩ
CL = 5pF
FREQUENCY (MHz)
80
70
–20
40
10
0
–10
60
50
20
30
0
–45
–90
–135
–180
GAIN
PHASE
50° PHASE
MARGIN
0.01
0.1
1
10
100
500
VS = 5V
RL = 2kΩ
Figure 18. AD8054 Open-Loop Gain and Phase Margin vs. Frequency
Figure 15. AD8051/AD8052 Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com