Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8021ARMZ
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8021ARMZ Datasheet HTML 13Page - Analog Devices AD8021ARMZ Datasheet HTML 14Page - Analog Devices AD8021ARMZ Datasheet HTML 15Page - Analog Devices AD8021ARMZ Datasheet HTML 16Page - Analog Devices AD8021ARMZ Datasheet HTML 17Page - Analog Devices AD8021ARMZ Datasheet HTML 18Page - Analog Devices AD8021ARMZ Datasheet HTML 19Page - Analog Devices AD8021ARMZ Datasheet HTML 20Page - Analog Devices AD8021ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8021
Rev. F | Page 17 of 28
TEST CIRCUITS
50
Ω
–VS
CC
+VS
5
RS
RO
RD
RF
CF
RG
RIN
49.9
Ω
50
Ω CABLE
50
Ω CABLE
Figure 48. Noninverting Gain
FET
PROBE
5
50
Ω
–VS
CC
+VS
RS
RL
RF
CF
RG
RIN
49.9
Ω
50
Ω CABLE
CL
Figure 49. Noninverting Gain and FET Probe
5
50
Ω
–VS CC
+VS
RO
RF
RD
RG
RIN
49.9
Ω
50
Ω CABLE
49.9
Ω
50
Ω CABLE
Figure 50. Inverting Gain
HP8753D
50
Ω
AD8021
499
Ω
499
Ω
55.6
Ω
499
Ω
499
Ω
49.9
Ω
NETWORK
ANALYZER
CC
5
+VS
7pF
50
Ω
–VS
Figure 51. CMRR
5
HP8753D
AD8021
100
Ω
NETWORK
ANALYZER
CC
+VS
50
Ω
–VS
7pF
RG
499
Ω
RF
499
Ω
Figure 52. Output Impedance, Chip Enabled
499
Ω
AD8021
49.9
Ω
49.9
Ω
7pF
CC
5
976
Ω
1
8
1.0V
49.9
Ω
499
Ω
4V
53.6
Ω
+VS
–VS
LOGIC REF
DISABLE
Figure 53. Enable/Disable
7pF
5
1
8
HP8753D
50
Ω
AD8021
499
Ω
499
Ω
1k
Ω
49.9
Ω
NETWORK
ANALYZER
CC
+VS
50
Ω
–VS
49.9
Ω
50
Ω CABLE
FET
PROBE
LOGIC REF
DISABLE
Figure 54. Input-to-Output Isolation, Chip Disabled
AD8021
1
8
5
7pF
HP8753D
50
Ω
100
Ω
NETWORK
ANALYZER
CC
+VS
–VS
Figure 55. Output Impedance, Chip Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com