Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD8021ARMZ
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8021ARMZ Datasheet HTML 16Page - Analog Devices AD8021ARMZ Datasheet HTML 17Page - Analog Devices AD8021ARMZ Datasheet HTML 18Page - Analog Devices AD8021ARMZ Datasheet HTML 19Page - Analog Devices AD8021ARMZ Datasheet HTML 20Page - Analog Devices AD8021ARMZ Datasheet HTML 21Page - Analog Devices AD8021ARMZ Datasheet HTML 22Page - Analog Devices AD8021ARMZ Datasheet HTML 23Page - Analog Devices AD8021ARMZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8021
Rev. F | Page 20 of 28
CF = CL = 0, RL = 1 kΩ, RIN = 49.9 Ω (see Figure 49).
Table 6. Recommended Component Values
Noise Gain
(Noninverting
Gain)
RS (Ω)
RF (Ω)
RG (Ω)
CCOMP (pF)
Slew Rate (V/μs)
−3 dB
SS BW
(MHz)
Output Noise
(AD8021 Only)
(nV/√Hz)
Output Noise
(AD8021 with Resistors)
(nV/√Hz)
1
75
75
NA
10
120
490
2.1
2.8
2
49.9
499
499
7
150
205
4.3
8.2
5
49.9
1 k
249
2
300
185
10.7
15.5
10
49.9
1 k
110
0
420
150
21.2
27.9
20
49.9
1 k
52.3
0
200
42
42.2
52.7
100
49.9
1 k
10
0
34
6
211.1
264.1
With the AD8021, a variety of trade-offs can be made to fine-
tune its dynamic performance. Sometimes more bandwidth
or slew rate is needed at a particular gain. Reducing the
compensation capacitance, as illustrated in Figure 7, increases
the bandwidth and peaking due to a decrease in phase margin.
On the other hand, if more stability is needed, increasing the
compensation capacitor decreases the bandwidth while
increasing the phase margin.
As with all high speed amplifiers, parasitic capacitance and
inductance around the amplifier can affect its dynamic
response. Often, the input capacitance (due to the op amp itself,
as well as the PC board) has a significant effect. The feedback
resistance, together with the input capacitance, can contribute
to a loss of phase margin, thereby affecting the high frequency
response, as shown in Figure 14. A capacitor (CF) in parallel
with the feedback resistor can compensate for this phase loss.
Additionally, any resistance in series with the source creates a
pole with the input capacitance (as well as dampen high
frequency resonance due to package and board inductance
and capacitance), the effect of which is shown in Figure 15.
It must also be noted that increasing resistor values increases
the overall noise of the amplifier and that reducing the feedback
resistor value increases the load on the output stage, thus
increasing distortion (see Figure 22).
USING THE DISABLE FEATURE
When Pin 8 (DISABLE) is higher than Pin 1 (LOGIC
REFERENCE) by approximately 2 V or more, the part is
enabled. When Pin 8 is brought down to within about 1.5 V
of Pin 1, the part is disabled. See Table 1 for exact disable and
enable voltage levels. If the disable feature is not used, Pin 8 can
be tied to VS or a logic high source, and Pin 1 can be tied to
ground or logic low. Alternatively, if Pin 1 and Pin 8 are not
connected, the part is in an enabled state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com