Electronic Components Datasheet Search
  English  ▼

X  

AD8138ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8138ARM
Description  Low Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8138ARM Datasheet HTML 1Page - Analog Devices AD8138ARM Datasheet HTML 2Page - Analog Devices AD8138ARM Datasheet HTML 3Page - Analog Devices AD8138ARM Datasheet HTML 4Page - Analog Devices AD8138ARM Datasheet HTML 5Page - Analog Devices AD8138ARM Datasheet HTML 6Page - Analog Devices AD8138ARM Datasheet HTML 7Page - Analog Devices AD8138ARM Datasheet HTML 8Page - Analog Devices AD8138ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8138
Rev. F | Page 4 of 24
VOCM to ±OUT SPECIFICATIONS
At 25°C, VS = ±5 V, VOCM = 0, G = +1, RL, dm = 500 Ω, unless otherwise noted. Refer to Figure 39 for test setup and label descriptions. All
specifications refer to single-ended input and differential outputs, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
250
MHz
Slew Rate
330
V/μs
INPUT VOLTAGE NOISE (RTI)
f = 0.1 MHz to 100 MHz
17
nV/√Hz
DC PERFORMANCE
Input Voltage Range
±3.8
V
Input Resistance
200
kΩ
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN– = VOCM = 0 V
–3.5
±1
+3.5
mV
Input Bias Current
0.5
μA
VOCM CMRR
∆VOUT, dm/∆VOCM; ∆VOCM = ±1 V
−75
dB
Gain
∆VOUT, cm/∆VOCM; ∆VOCM = ±1 V
0.9955
1
1.0045
V/V
POWER SUPPLY
Operating Range
±1.4
±5.5
V
Quiescent Current
18
20
23
mA
TMIN to TMAX variation
40
μA/°C
Power Supply Rejection Ratio
∆VOUT, dm/∆VS; ∆VS = ±1 V
−90
−70
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com