Electronic Components Datasheet Search
  English  ▼

X  

AD8138ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8138ARM
Description  Low Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8138ARM Datasheet HTML 5Page - Analog Devices AD8138ARM Datasheet HTML 6Page - Analog Devices AD8138ARM Datasheet HTML 7Page - Analog Devices AD8138ARM Datasheet HTML 8Page - Analog Devices AD8138ARM Datasheet HTML 9Page - Analog Devices AD8138ARM Datasheet HTML 10Page - Analog Devices AD8138ARM Datasheet HTML 11Page - Analog Devices AD8138ARM Datasheet HTML 12Page - Analog Devices AD8138ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8138
Rev. F | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, Gain = 1, RG = RF = RL, dm = 499 V, TA = 25°C; refer to Figure 39 for test setup.
FREQUENCY (MHz)
–9
0
–6
–3
3
6
1
10
100
1000
VIN =0.2Vp-p
CF =0pF
VS =+5V
VS =±5V
Figure 5. Small Signal Frequency Response
FREQUENCY (MHz)
–9
0
–6
–3
3
6
1
10
100
1000
VS =±5V
VIN =0.2Vp-p
CF =0pF
CF =1pF
Figure 6. Small Signal Frequency Response
–0.5
0.1
–0.3
–0.1
0.3
0.5
VS =±5V
VIN =0.2Vp-p
CF =0pF
CF =1pF
FREQUENCY (MHz)
1
10
100
Figure 7. 0.1 dB Flatness vs. Frequency
FREQUENCY (MHz)
–9
0
–6
–3
3
6
VIN =2Vp-p
CF =0pF
1
10
100
1000
VS =+5V
VS =±5V
Figure 8. Large Signal Frequency Response
FREQUENCY (MHz)
–9
0
–6
–3
3
6
VIN =2V p-p
VS =±5V
CF =0pF
CF =1pF
1
10
100
1000
Figure 9. Large Signal Frequency Response
FREQUENCY (MHz)
–10
10
0
20
30
VS =±5V
CF =0pF
VOUT, dm =0.2V p-p
RG = 499Ω
G = 10, RF = 4.99kΩ
G= 5,RF = 2.49kΩ
G= 2, RF =1kΩ
G= 1,RF =499Ω
1
10
100
1000
Figure 10. Small Signal Frequency Response for Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com