Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 4 Page - Analog Devices

  AD8224 Datasheet HTML 1Page - Analog Devices AD8224 Datasheet HTML 2Page - Analog Devices AD8224 Datasheet HTML 3Page - Analog Devices AD8224 Datasheet HTML 4Page - Analog Devices AD8224 Datasheet HTML 5Page - Analog Devices AD8224 Datasheet HTML 6Page - Analog Devices AD8224 Datasheet HTML 7Page - Analog Devices AD8224 Datasheet HTML 8Page - Analog Devices AD8224 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8224
Rev. 0 | Page 4 of 28
A Grade
Parameter
Test Conditions
Min
Typ
Max
Unit
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.06
%
G = 10
0.3
%
G = 100
0.3
%
G = 1000
0.3
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL = 10 kΩ
8
15
ppm
G = 10
RL = 10 kΩ
5
10
ppm
G = 100
RL = 10 kΩ
15
25
ppm
G = 1000
RL = 10 kΩ
100
150
ppm
G = 1
RL = 2 kΩ
15
20
ppm
G = 10
RL = 2 kΩ
12
20
ppm
G = 100
RL = 2 kΩ
35
50
ppm
G=1000
RL = 2 kΩ
180
250
ppm
Gain vs. Temperature
G = 1
3
10
ppm/°C
G > 10
−50
ppm/°C
INPUT
Impedance (Pin to Ground)4
104||5
GΩ||pF
Input Operating Voltage Range5
VS = ±2.25 V to ±18 V for dual supplies
−VS − 0.1
+VS − 2
V
Over Temperature
T = −40°C to +85°C
−VS − 0.1
+VS − 2.1
V
OUTPUT
Output Swing
RL = 2 kΩ
−14.25
+14.25
V
Over Temperature
T = −40°C to +85°C
−14.3
+14.1
V
Output Swing
RL = 10 kΩ
−14.7
+14.7
V
Over Temperature
T = −40°C to +85°C
−14.6
+14.6
V
Short-Circuit Current
15
mA
POWER SUPPLY (PER AMPLIFIER)
Operating Range
±2.256
±18
V
Quiescent Current
750
μA
Over Temperature
T = −40°C to +85°C
850
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
°C
Operational7
−40
+125
°C
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
2 Refers to the differential configuration shown in Figure 59.
3 Refer to Figure 11 and Figure 12 for the relationship between input current and temperature.
4 Differential and common-mode input impedance can be calculated from the pin impedance: ZDIFF = 2(ZPIN); ZCM = ZPIN/2.
5 The AD8224 can operate up to a diode drop below the negative supply, however the bias current increases sharply. The input voltage range reflects the maximum
allowable voltage where the input bias current is within the specification.
6 At this supply voltage, ensure that the input common-mode voltage is within the input voltage range specification.
7 The AD8224 is characterized from −40°C to +125°C. See the Typical Performance Characteristics section for expected operation in this temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com